| Electronic Components Datasheet Search |
|
MC68HC908GR4MP Datasheet(PDF) 314 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC908GR4MP Datasheet(HTML) 314 Page - Freescale Semiconductor, Inc |
|
314 / 408 page ![]() Serial Peripheral Interface (SPI) Technical Data MC68HC908GR8 — Rev 4.0 314 Serial Peripheral Interface (SPI) MOTOROLA slave. This happens because SS at logic 0 indicates the start of the transmission (MISO driven out with the value of MSB) for CPHA = 0. When CPHA = 1, a slave can be selected and then later unselected with no transmission occurring. Therefore, MODF does not occur since a transmission was never begun. In a slave SPI (MSTR = 0), the MODF bit generates an SPI receiver/error CPU interrupt request if the ERRIE bit is set. The MODF bit does not clear the SPE bit or reset the SPI in any way. Software can abort the SPI transmission by clearing the SPE bit of the slave. NOTE: A logic 1 voltage on the SS pin of a slave SPI puts the MISO pin in a high impedance state. Also, the slave SPI ignores all incoming SPSCK clocks, even if it was already in the middle of a transmission. To clear the MODF flag, read the SPSCR with the MODF bit set and then write to the SPCR register. This entire clearing mechanism must occur with no MODF condition existing or else the flag is not cleared. 20.9 Interrupts Four SPI status flags can be enabled to generate CPU interrupt requests. Table 20-2. SPI Interrupts Flag Request SPTE Transmitter empty SPI transmitter CPU interrupt request (DMAS= 0, SPTIE= 1, SPE= 1) SPRF Receiver full SPI receiver CPU interrupt request (DMAS= 0, SPRIE=1) OVRF Overflow SPI receiver/error interrupt request (ERRIE = 1) MODF Mode fault SPI receiver/error interrupt request (ERRIE = 1) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |