Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 315 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 315 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 311Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 312Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 313Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 314Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 315Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 316Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 317Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 318Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 319Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 408 page
background image
Serial Peripheral Interface (SPI)
Interrupts
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Serial Peripheral Interface (SPI)
315
Reading the SPI status and control register with SPRF set and then
reading the receive data register clears SPRF. The clearing mechanism
for the SPTE flag is always just a write to the transmit data register.
The SPI transmitter interrupt enable bit (SPTIE) enables the SPTE flag
to generate transmitter CPU interrupt requests, provided that the SPI is
enabled (SPE = 1).
The SPI receiver interrupt enable bit (SPRIE) enables the SPRF bit to
generate receiver CPU interrupt requests, regardless of the state of the
SPE bit. See Figure 20-11.
The error interrupt enable bit (ERRIE) enables both the MODF and
OVRF bits to generate a receiver/error CPU interrupt request.
The mode fault enable bit (MODFEN) can prevent the MODF flag from
being set so that only the OVRF bit is enabled by the ERRIE bit to
generate receiver/error CPU interrupt requests.
Figure 20-11. SPI Interrupt Request Generation
SPTE
SPTIE
SPRF
SPRIE
DMAS
ERRIE
MODF
OVRF
SPE
CPU INTERRUPT REQUEST
CPU INTERRUPT REQUEST
NOT AVAILABLE
SPI TRANSMITTER
NOT AVAILABLE
SPI RECEIVER/ERROR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com