Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 355 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 355 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 351Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 352Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 353Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 354Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 355Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 356Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 357Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 358Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 359Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 408 page
background image
Timer Interface Module (TIM)
I/O Registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Timer Interface Module (TIM)
355
22.10.5 TIM Channel Status and Control Registers
Each of the TIM channel status and control registers:
•
Flags input captures and output compares
•
Enables input capture and output compare interrupts
•
Selects input capture, output compare, or PWM operation
•
Selects high, low, or toggling output on output compare
•
Selects rising edge, falling edge, or any edge as the active input
capture trigger
•
Selects output toggling on TIM overflow
•
Selects 0% and 100% PWM duty cycle
•
Selects buffered or unbuffered output compare/PWM operation
Address: T1SC0, $0025 and T2SC0, $0030
Bit 7
654321
Bit 0
Read:
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
TOV0
CH0MAX
Write:
0
Reset:
00000000
Figure 22-11. TIM Channel 0 Status and Control Register (TSC0)
Address: T1SC1, $0028
Bit 7
654321
Bit 0
Read:
CH1F
CH1IE
0
MS1A
ELS1B
ELS1A
TOV1
CH1MAX
Write:
0
Reset:
00000000
Figure 22-12. TIM Channel 1 Status and Control Register (TSC1)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com