Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 358 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 358 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 354Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 355Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 356Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 357Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 358Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 359Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 360Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 361Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 362Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 408 page
background image
Timer Interface Module (TIM)
Technical Data
MC68HC908GR8 — Rev 4.0
358
Timer Interface Module (TIM)
MOTOROLA
NOTE:
Before enabling a TIM channel register for input capture operation, make
sure that the PTD/TCHx pin is stable for at least two bus clocks.
TOVx — Toggle On Overflow Bit
When channel x is an output compare channel, this read/write bit
controls the behavior of the channel x output when the TIM counter
overflows. When channel x is an input capture channel, TOVx has no
effect. Reset clears the TOVx bit.
1 = Channel x pin toggles on TIM counter overflow.
0 = Channel x pin does not toggle on TIM counter overflow.
NOTE:
When TOVx is set, a TIM counter overflow takes precedence over a
channel x output compare if both occur at the same time.
Table 22-3. Mode, Edge, and Level Selection
MSxB:MSxA
ELSxB:ELSxA
Mode
Configuration
X0
00
Output preset
Pin under port control;
initial output level high
X1
00
Pin under port control;
initial output level low
00
01
Input capture
Capture on rising edge only
00
10
Capture on falling edge only
00
11
Capture on rising or
falling edge
01
01
Output
compare or
PWM
Toggle output on compare
01
10
Clear output on compare
01
11
Set output on compare
1X
01
Buffered
output
compare or
buffered PWM
Toggle output on compare
1X
10
Clear output on compare
1X
11
Set output on compare
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com