Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 362 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 362 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 358Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 359Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 360Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 361Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 362Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 363Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 364Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 365Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 366Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 408 page
background image
Electrical Specifications
Technical Data
MC68HC908GR8 — Rev 4.0
362
Electrical Specifications
MOTOROLA
23.2 Absolute Maximum Ratings
Maximum ratings are the extreme limits to which the MCU can be
exposed without permanently damaging it.
NOTE:
This device is not guaranteed to operate properly beyond the maximum
ratings. Refer to 5.0 V DC Electrical Characteristics for guaranteed
operating conditions.
NOTE:
This device contains circuitry to protect the inputs against damage due
to high static voltages or electric fields; however, it is advised that normal
precautions be taken to avoid application of any voltage higher than
maximum-rated voltages to this high-impedance circuit. For proper
operation, it is recommended that VIn and VOut be constrained to the
range VSS ≤ (VIn or VOut) ≤ VDD. Reliability of operation is enhanced if
unused inputs are connected to an appropriate logic voltage level (for
example, either VSS or VDD).
Table 23-1. Absolute Maximum Ratings
Characteristic(1)
1. Voltages referenced to VSS
Symbol
Value
Unit
Supply voltage
VDD
–0.3 to + 5.5
V
Input voltage
VIn
VSS – 0.3 to VDD + 0.3
V
Maximum current per pin
excluding VDD, VSS,
and PTC0–PTC1
I
± 15
mA
Maximum current for pins
PTC0–PTC1
IPTC0–PTC1
± 25
mA
Maximum current into VDD
Imvdd
150
mA
Maximum current out of VSS
Imvss
150
mA
Storage temperature
Tstg
–55 to +150
°C
Note:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com