Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 365 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 365 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 361Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 362Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 363Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 364Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 365Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 366Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 367Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 368Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 369Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 408 page
background image
Electrical Specifications
5.0 V DC Electrical Characteristics
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Electrical Specifications
365
Pullup resistors (as input only)
Ports PTA3/KBD3–PTA0/KBD0, PTC1–PTC0,
PTD6/T2CH0–PTD0/SS
RPU
20
45
65
k
Ω
Capacitance
Ports (as input or output)
COut
CIn
—
—
—
—
12
8
pF
Monitor mode entry voltage
VTST
VDD +2.5
—
8V
Low-voltage inhibit, trip falling voltage – target
VTRIPF
3.85
4.25
4.50
V
Low-voltage inhibit, trip rising voltage – target
VTRIPR
3.95
4.35
4.60
V
Low-voltage inhibit reset/recover hysteresis – target
(VTRIPF + VHYS = VTRIPR)
VHYS
—
100
—
mV
POR rearm voltage(8)
VPOR
0
—
100
mV
POR reset voltage(9)
VPORRST
0
700
800
mV
POR rise time ramp rate(10)
RPOR
0.035
——
V/ms
Notes:
1. VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = TL to TH, unless otherwise noted
2. Typical values reflect average measurements at midpoint of voltage range, 25
°C only.
3. Run (operating) IDD measured using external square wave clock source (fosc = 32.8 MHz). All inputs 0.2 V from rail. No
dc loads. Less than 100 pF on all outputs. CL = 20 pF on OSC2. All ports configured as inputs. OSC2 capacitance linearly
affects run IDD. Measured with all modules enabled.
4. Wait IDD measured using external square wave clock source (fosc = 32.8 MHz). All inputs 0.2 V from rail. No dc loads. Less
than 100 pF on all outputs. CL = 20 pF on OSC2. All ports configured as inputs. OSC2 capacitance linearly affects wait
IDD. Measured with PLL and LVI enabled.
5. Stop IDD is measured with OSC1 = VSS.
6. Stop IDD with TBM enabled is measured using an external square wave clock source (fOSC = 32.8 KHz). All inputs 0.2 V
from rail. No dc loads. Less than 100 pF on all outputs. All inputs configured as inputs.
7. Pullups and pulldowns are disabled. Port B leakage is specified in ADC Characteristics.
8. Maximum is highest voltage that POR is guaranteed.
9. Maximum is highest voltage that POR is possible.
10. If minimum VDD is not reached before the internal POR reset is released, RST must be driven low externally until minimum
VDD is reached.
Table 23-4. 5.0V DC Electrical Characteristics
Characteristic(1)
Symbol
Min
Typ(2)
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com