Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 368 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 368 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 364Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 365Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 366Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 367Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 368Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 369Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 370Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 371Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 372Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 408 page
background image
Electrical Specifications
Technical Data
MC68HC908GR8 — Rev 4.0
368
Electrical Specifications
MOTOROLA
23.7 5.0 V Control Timing
Table 23-6. 5.0 V Control Timing
Characteristic(1)
1. VSS = 0 Vdc; timing shown with respect to 20% VDD and 70% VSS unless otherwise noted.
Symbol
Min
Max
Unit
Frequency of operation(2)
Crystal option
External clock option(3)
2. See Clock Generation Module Characteristics for more information.
3. No more than 10% duty cycle deviation from 50%
fosc
32
dc(4)
4. Some modules may require a minimum frequency greater than dc for proper operation.
See appropriate table for this information.
100
32.8
kHz
MHz
Internal operating frequency
fop
—
8.2
MHz
Internal clock period (1/fOP)tcyc
122
—
ns
RESET input pulse width low(5)
5. Minimum pulse width reset is guaranteed to be recognized. It is possible for a smaller pulse
width to cause a reset.
tIRL
50
—
ns
IRQ interrupt pulse width low(6)
(edge-triggered)
6. Minimum pulse width is for guaranteed interrupt. It is possible for a smaller pulse width to
be recognized.
tILIH
50
—
ns
IRQ interrupt pulse period
tILIL
Note 8
—
tcyc
16-bit timer(7)
Input capture pulse width
Input capture period
7. Minimum pulse width is for guaranteed interrupt. It is possible for a smaller pulse width to
be recognized.
8. The minimum period, tILIL or tTLTL, should not be less than the number of cycles it takes to
execute the interrupt service routine plus tcyc.
tTH,tTL
tTLTL
Note 8
—
—
ns
tcyc
Notes:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com