Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 372 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 372 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 368Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 369Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 370Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 371Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 372Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 373Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 374Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 375Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 376Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 408 page
background image
Electrical Specifications
Technical Data
MC68HC908GR8 — Rev 4.0
372
Electrical Specifications
MOTOROLA
Figure 23-5. Typical High-Side Driver Characteristics –
Ports PTB5–PTB0, PTD6–PTD0, and
PTE1–PTE0 (VDD = 5.5 Vdc)
Figure 23-6. Typical High-Side Driver Characteristics –
Ports PTB5–PTB0, PTD6–PTD0, and
PTE1–PTE0 (VDD = 2.7 Vdc)
–70
–60
–50
–40
–30
–20
–10
0
–40
0
25
–90
VOH (V)
3
3.4
3.6
3.8
4.0
4.2
3.2
85
–80
4.6
4.4
VOH > VDD –0.8 V @ IOH = –2.0 mA
VOH > VDD –1.5 V @ IOH = –10.0 mA
–25
–20
–15
–10
–5
0
–40
0
25
1.3
1.7
1.9
2.1
2.3
2.5
1.5
85
VOH (V)
VOH > VDD –0.3 V @ IOH = –0.6 mA
VOH > VDD –1.0 V @ IOH = –4.0 mA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com