Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 364 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 364 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 360Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 361Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 362Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 363Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 364Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 365Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 366Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 367Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 368Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 408 page
background image
Electrical Specifications
Technical Data
MC68HC908GR8 — Rev 4.0
364
Electrical Specifications
MOTOROLA
23.5 5.0 V DC Electrical Characteristics
Table 23-4. 5.0V DC Electrical Characteristics
Characteristic(1)
Symbol
Min
Typ(2)
Max
Unit
Output high voltage
(ILoad = –2.0 mA) all I/O pins
(ILoad = –10.0 mA) all I/O pins
(ILoad = –10.0 mA) pins PTC0–PTC1 only
Maximum combined IOH for port C, port E,
port PTD0–PTD3
Maximum combined IOH for port PTD4–PTD6,
port A, port B
Maximum total IOH for all port pins
VOH
VOH
VOH
IOH1
IOH2
IOHT
VDD – 0.8
VDD – 1.5
VDD – 0.8
—
—
—
—
—
—
—
—
—
—
—
—
50
50
100
V
V
V
mA
mA
mA
Output low voltage
(ILoad = 1.6 mA) all I/O pins
(ILoad = 10 mA) all I/O pins
(ILoad = 15 mA) pins PTC0–PTC1 only
Maximum combined IOL for port C, port E,
port PTD0–PTD3
Maximum combined IOL for port PTD4–PTD6,
port A, port B
Maximum total IOL for all port pins
VOL
VOL
VOL
IOL1
IOL2
IOLT
—
—
—
—
—
—
—
—
—
—
—
—
0.4
1.5
1.0
50
50
100
V
V
V
mA
mA
mA
Input high voltage
All ports, IRQs, RESET
OSC1
VIH
0.7 x VDD
0.8 x VDD
—
VDD
V
Input low voltage
All ports, IRQs, RESET, OSC1
VIL
VSS
—
0.2 x VDD
V
VDD supply current
Run(3)
Wait(4)
IDD
—
—
15
4
20
8
mA
mA
Stop(5) (<85
°C)
Stop (>85
°C)
Stop with TBM enabled(6)
Stop with LVI and TBM enabled(6)
IDD
—
—
—
—
3
5
20
300
5
10
35
500
µA
µA
µA
µA
I/O ports Hi-Z leakage current(7)
IIL
——
±10
µA
Input current
IIn
——
1
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com