Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 378 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 378 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 374Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 375Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 376Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 377Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 378Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 379Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 380Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 381Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 382Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 408 page
background image
Electrical Specifications
Technical Data
MC68HC908GR8 — Rev 4.0
378
Electrical Specifications
MOTOROLA
23.12 ADC Characteristics
Characteristic(1)
Symbol
Min
Max
Unit
Comments
Supply voltage
VDDAD
2.7
(VDD
min)
5.5
(VDD
max)
V
VDDAD should be tied
to the same potential
as VDD via separate
traces.
Input voltages
VADIN
0
VDDAD
V
VADIN <= VREFH
Resolution
BAD
88
Bits
Absolute accuracy
(VREFL = 0 V, VDDAD = VREFH =
5 V
± 10%)
AAD
−−
± 1
LSB
Includes quantization
ADC internal clock
fADIC
0.5
1.048
MHz
tAIC = 1/fADIC, tested
only at 1 MHz
Conversion range
RAD
VREFL
VREFH
V
VREFH = VDDAD
VREFL = VSSAD
Power-up time
tADPU
16
tAIC cycles
Conversion time
tADC
16
17
tAIC cycles
Sample time(2)
tADS
5
—
tAIC
cycles
Zero input reading(3)
ZADI
00
01
Hex
VIN = VREFL
Full-scale reading(3)
FADI
FE
FF
Hex
VIN = VREFH
Input capacitance
CADI
—
(20) 8
pF
Not tested
Input leakage(4)
Port B
——
± 1
µA
Notes:
1. VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, VDDAD = 5.0 Vdc ± 10%, VSSAD = 0 Vdc, VREFH = 5.0 Vdc ± 10%, VREFL = 0
2. Source impedances greater than 10 k
Ω adversely affect internal RC charging time during input sampling.
3. Zero-input/full-scale reading requires sufficient decoupling measures for accurate conversions.
4. The external system error caused by input leakage current is approximately equal to the product of R source and input
current.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com