Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 381 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 381 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 377Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 378Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 379Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 380Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 381Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 382Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 383Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 384Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 385Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 408 page
background image
Electrical Specifications
3.0 V SPI Characteristics
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Electrical Specifications
381
Figure 23-16. SPI Master Timing
NOTE
Note: This first clock edge is generated internally, but is not seen at the SPSCK pin.
SS PIN OF MASTER HELD HIGH
MSB IN
SS
INPUT
SPSCK OUTPUT
SPSCK OUTPUT
MISO
INPUT
MOSI
OUTPUT
NOTE
4
5
5
1
4
BITS 6–1
LSB IN
MASTER MSB OUT
BITS 6–1
MASTER LSB OUT
11
10
11
7
6
NOTE
Note: This last clock edge is generated internally, but is not seen at the SPSCK pin.
SS PIN OF MASTER HELD HIGH
MSB IN
SS
INPUT
SPSCK OUTPUT
SPSCK OUTPUT
MISO
INPUT
MOSI
OUTPUT
NOTE
4
5
5
1
4
BITS 6–1
LSB IN
MASTER MSB OUT
BITS 6–1
MASTER LSB OUT
10
11
10
7
6
a) SPI Master Timing (CPHA = 0)
b) SPI Master Timing (CPHA = 1)
CPOL = 0
CPOL = 1
CPOL = 0
CPOL = 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com