Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 385 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 385 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 381Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 382Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 383Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 384Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 385Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 386Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 387Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 388Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 389Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 408 page
background image
Electrical Specifications
Memory Characteristics
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Electrical Specifications
385
23.17 Memory Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
RAM data retention voltage
VRDR
1.3
——
V
FLASH program bus clock frequency
—
1
——
MHz
FLASH read bus clock frequency
fRead
(1)
1. fRead is defined as the frequency range for which the FLASH memory can be read.
32k
—
8.4M
Hz
FLASH page erase time
tErase
(2)
2. If the page erase time is longer than tErase (Min), there is no erase-disturb, but it reduces the endurance of the FLASH
memory.
1
——
ms
FLASH mass erase time
tMErase
(3)
3. If the mass erase time is longer than tMErase (Min), there is no erase-disturb, but it reduces the endurance of the FLASH
memory.
4
——
ms
FLASH PGM/ERASE to HVEN set up time
tnvs
10
——
µs
FLASH high-voltage hold time
tnvh
5
——
µs
FLASH high-voltage hold time (mass erase)
tnvhl
100
——
µs
FLASH program hold time
tpgs
5
——
µs
FLASH program time
tPROG
30
—
40
µs
FLASH return to read time
trcv
(4)
4. trcv is defined as the time it needs before the FLASH can be read after turning off the high voltage charge pump, by clearing
HVEN to logic 0.
1
——
µs
FLASH cumulative program HV period
tHV
(5)
5.
tHV is defined as the cumulative high voltage programming time to the same row before next erase.
tHV must satisfy this condition: tnvs + tnvh + tpgs + (tPROG × 64) ≤ tHV max.
——
4ms
FLASH row erase endurance(6)
6. The minimum row endurance value specifies each row of the FLASH memory is guaranteed to work for at
least this many erase / program cycles.
—
10k
100k(7)
7. FLASH endurance is a function of the temperature at which erasure occurs. Typical endurance degrades when the tem-
perature while erasing is less than 25
°C.
—
Cycles
FLASH row program endurance(8)
8. The minimum row endurance value specifies each row of the FLASH memory is guaranteed to work for at
least this many erase / program cycles.
—
10k
100k(7)
—
Cycles
FLASH data retention time(9)
9. The FLASH is guaranteed to retain data over the entire operating temperature range for at least the minimum
time specified.
—
10
100(10)
10. Motorola performs reliability testing for data retention. These tests are based on samples tested at elevated temperatures.
Due to the higher activation energy of the elevated test temperature, calculated life tests correspond to more than 100
years of operation/storage at 55
°C
—
Years
Notes:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com