Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 388 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 388 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 384Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 385Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 386Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 387Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 388Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 389Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 390Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 391Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 392Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 408 page
background image
Mechanical Specifications
Technical Data
MC68HC908GR8 — Rev 4.0
388
Mechanical Specifications
MOTOROLA
24.3
32-Pin LQFP (Case #873A)
A
- U -
V
- Z -
S
B
- T -
DETAIL Y
Section AE–AE
G
-AC-
DETAIL AD
Seating
plane
8x
M
°
R
Q
°
K
W
X
A1
S1
1
8
9
17
25
32
9
V1
B1
0.20 (0.008) AC T-U Z
4X
0.20 (0.008) AB T-U Z
4X
-AB-
0.10 (0.004) AC
C E
H
DETAIL AD
F
N
D
J
Base Metal
AE
AE
DETAIL Y
P
NOTES:
1. DIMENSIONS AND TOLERANCING AS PER ANSI
Y14.5M, 1982
2. CONTROLLING DIMENSION: MILLIMETER
3. DATUM PLANE -AB- IS LOCATED AT BOTTOM OF
LEAD AND IS CONSISTENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE
4. DATUMS -T-, -U-, AND -Z- TO BE DETERMINED AT
DATUM PLANE -AB-
5. DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE -AC-
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.250 (0.010) PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE -AB-
7. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL
NOT CAUSE THE D DIMENSION TO EXCEED
0.520 (0.020)
8. MINIMUM SOLDER PLATE THICKNESS SHALL BE
0.0076 (0.0003)
9. EXACT SHAPE OF EACH CORNER MAY VARY
FROM DEPICTION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
7.000 BSC
0.276 BSC
A1
3.500 BSC
0.138 BSC
B
7.000 BSC
0.276 BSC
B1
3.500 BSC
0.138 BSC
C
1.400
1.600
0.055
0.063
D
0.300
0.450
0.012
0.018
E
1.350
1.450
0.053
0.057
F
0.300
0.400
0.012
0.016
G
0.800 BSC
0.031 BSC
H
0.050
0.150
0.002
0.006
J
0.090
0.200
0.004
0.008
K
0.500
0.700
0.020
0.028
M
12
° REF
12
° REF
N
0.090
0.160
0.004
0.006
P
0.400 BSC
0.016 BSC
Q
1
°
5
°
1
°
5
°
R
0.150
0.250
0.006
0.010
S
9.000 BSC
0.354 BSC
S1
4.500 BSC
0.177 BSC
V
9.000 BSC
0.354 BSC
V1
4.500 BSC
0.177 BSC
W
0.200 REF
0.008 REF
X
1.000 REF
0.039 REF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com