Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 390 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 390 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 386Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 387Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 388Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 389Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 390Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 391Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 392Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 393Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 394Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 408 page
background image
Mechanical Specifications
Technical Data
MC68HC908GR8 — Rev 4.0
390
Mechanical Specifications
MOTOROLA
24.5 28-Pin SOIC (Case #751F)
G
D 28 PL
C
K
– T –
Seating
Plane
M
F
J
0.25
M
B M
0.25
M
B
S
A
S
T
14 PL
R x 45
°
1
Dim.
Min.
Max.
Notes
Dim.
Min.
Max.
A
17.80
18.05
1. Dimensions ‘A’ and ‘B’ are datums and ‘T’ is a datum surface.
2. Dimensioning and tolerancing per ANSI Y14.5M, 1982.
3. All dimensions in mm.
4. Dimensions ‘A’ and ‘B’ do not include mould protrusion.
5. Maximum mould protrusion is 0.15 mm per side.
J
0.229
0.317
B
7.40
7.60
K
0.127
0.292
C
2.35
2.65
M
0
°
8
°
D
0.35
0.49
P
10.05
10.55
F
0.41
0.90
R
0.25
0.75
G1.27 BSC
———
– A –
– B –
P
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com