Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVADDGA Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MPC8358ECVVADDGA
Description  MPC8360E/MPC8358E PowerQUICC II Pro Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358ECVVADDGA Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MPC8358ECVVADDGA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8358ECVVADDGA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8358ECVVADDGA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8358ECVVADDGA Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8358ECVVADDGA Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8358ECVVADDGA Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8358ECVVADDGA Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8358ECVVADDGA Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8358ECVVADDGA Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
88
Freescale Semiconductor
QUICC Engine Block PLL Configuration
The RCWL[CEVCOD] denotes the QUICC Engine Block PLL VCO internal frequency as shown in this table.
NOTE
The VCO divider (RCWL[CEVCOD]) must be set properly so that the QUICC Engine
block VCO frequency is in the range of 600–1400 MHz. The QUICC Engine block
frequency is not restricted by the CSB and core frequencies. The CSB, core, and QUICC
Engine block frequencies should be selected according to the performance requirements.
11101
0
× 29
11110
0
× 30
11111
0
× 31
00011
1
× 1.5
00101
1
× 2.5
00111
1
× 3.5
01001
1
× 4.5
01011
1
× 5.5
01101
1
× 6.5
01111
1
× 7.5
10001
1
× 8.5
10011
1
× 9.5
10101
1
× 10.5
10111
1
× 11.5
11001
1
× 12.5
11011
1
× 13.5
11101
1
× 14.5
Note:
1. Reserved modes are not listed.
Table 75. QUICC Engine Block PLL VCO Divider
RCWL[CEVCOD]
VCO Divider
00
4
01
8
10
2
11
Reserved
Table 74. QUICC Engine Block PLL Multiplication Factors (continued)
RCWL[CEPMF] RCWL[CEPDF]
QUICC Engine PLL
Multiplication Factor = RCWL[CEPMF]/
(1 + RCWL[CEPDF])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com