Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL-65074TR Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # ADL-65074TR
Description  Automobile DVD Bar code readers High reliability laser instrument
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ADL-65074TR Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  ADL-65074TR Datasheet HTML 1Page - Roithner LaserTechnik GmbH ADL-65074TR Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AlGaInP
Visible Laser Diode
ADL-65074TR
* For reference only. Contents above are subject to change without notice.
.
★650nm 7mW 85
oC
High Temperature, Reliable Operation!
Features
1. High temperature operation
2. Higher power
3. High reliability
Applications
1. Automobile DVD
2. Bar code readers
3. High reliability laser instrument
Absolute maximum ratings
Electrical and optical characteristics (Tc=25 oC)
Parameter
Symbol Condition
Rating
Unit
Light output power
PO
CW
10
mW
Reverse voltage (LD)
VRL
-
2
V
Reverse voltage (PD)
VRD
-
30
V
Forward current (PD)
IFD
-
10
mA
Case temperature
TC
-
-10~+85
oC
Storage temperature
TS
-
-40~+85
oC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Peak wavelength
λ
645
655
660
nm
Po=7mW
Threshold current
Ith
-
20
30
mA
Operating current
Iop
-
30
40
mA
Po=7mW
Operating voltage
Vop
-
2.2
2.5
V
Po=7mW
Differential efficiency
η
0.65
0.85
1.10
mW/mA P
o=3-5mW
Monitor current
Im
0.1
0.2
0.3
mA
Po=7mW, VRD=0V
Parallel divergence angle
θ//
6
9
12
deg
Perpendicular divergence angle
θ
25
28
32
deg
Parallel FFP deviation angle
Δθ//
-3
0
+3
deg
Perpendicular FFP deviation angle
Δθ
-3
0
+3
deg
Emission point accuracy
ΔxΔyΔz
-80
0
+80
um
Po=7mW
Precautions
*
Do not operate the device above maximum ratings. Doing so may cause unexpected and permanent damage to the device.
*
Take precautions to avoid electrostatic discharge and/or momentary power spikes. A change in the characteristics of the laser or premat re failure may result.
u
*
Proper heat sinking of the device assures stability and lifetime. Always ensure that maximum operating temperatures are not exceeded.
*
Observing visible or invisible laser beams with the human eye directly, or indirectly, can cause permanent damage. Use a camera to observe the laser.
*
No laser device should be used in any application or situation where life or property is at risk in event of device failure.
*
Specifications are subject to change without notice. Ensure that you have the latest specification by contacting us prior to purchase or use of the product.


Similar Part No. - ADL-65074TR

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ADL-65075SL ROITHNER-ADL-65075SL Datasheet
150Kb / 2P
Super slim DVD/Combo OPU Mini size optical modules laser sensor
ADL-65075SR ROITHNER-ADL-65075SR Datasheet
150Kb / 2P
Super slim DVD/Combo OPU Mini size optical modules laser sensor
ADL-65075SU ROITHNER-ADL-65075SU Datasheet
150Kb / 2P
Super slim DVD/Combo OPU Mini size optical modules laser sensor
ADL-65075TA2 ROITHNER-ADL-65075TA2 Datasheet
130Kb / 2P
General purpose red laser light source Laser pointer lndustrial laser markers measuring instruments
ADL-65075TA4 ROITHNER-ADL-65075TA4 Datasheet
176Kb / 2P
Visible Laser Diode with integrated APC
More results

Similar Description - ADL-65074TR

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ADL-65052TL ROITHNER-ADL-65052TL Datasheet
152Kb / 2P
Laser pointers industrial laser markers / measuring instruments Bar code readers
ADL-85501TL ROITHNER-ADL-85501TL Datasheet
107Kb / 1P
Bar-code Scanner Laser printer Military
logo
SICK AG
ICR620C-T11503S50 SICK-ICR620C-T11503S50 Datasheet
805Kb / 9P
IMAGE-BASED CODE READERS
ICR620D-T31503 SICK-ICR620D-T31503 Datasheet
799Kb / 9P
IMAGE-BASED CODE READERS
ICR620S-T16503 SICK-ICR620S-T16503 Datasheet
796Kb / 9P
IMAGE-BASED CODE READERS
V2D631R-MKMDB4 SICK-V2D631R-MKMDB4 Datasheet
2Mb / 12P
IMAGE-BASED CODE READERS
V2D631R-MXSXB0 SICK-V2D631R-MXSXB0 Datasheet
1Mb / 10P
IMAGE-BASED CODE READERS
V2D632D-MXCXB0 SICK-V2D632D-MXCXB0 Datasheet
2Mb / 12P
IMAGE-BASED CODE READERS
V2D632D-MXSXB0 SICK-V2D632D-MXSXB0 Datasheet
1Mb / 10P
IMAGE-BASED CODE READERS
V2D654D-MCXXA6 SICK-V2D654D-MCXXA6 Datasheet
902Kb / 9P
IMAGE-BASED CODE READERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com