Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCR8AS-14LJB01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR8AS-14LJB01
Description  Triac Medium Power Use
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR8AS-14LJB01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR8AS-14LJB01 Datasheet HTML 1Page - Renesas Technology Corp BCR8AS-14LJB01 Datasheet HTML 2Page - Renesas Technology Corp BCR8AS-14LJB01 Datasheet HTML 3Page - Renesas Technology Corp BCR8AS-14LJB01 Datasheet HTML 4Page - Renesas Technology Corp BCR8AS-14LJB01 Datasheet HTML 5Page - Renesas Technology Corp BCR8AS-14LJB01 Datasheet HTML 6Page - Renesas Technology Corp BCR8AS-14LJB01 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCR8AS-14LJ
Preliminary
R07DS0514EJ0100 Rev.1.00
Page 2 of 6
Oct 14, 2011
Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
—
—
2.0
mA
Tj = 125
C, V
DRM applied
On-state voltage
VTM
—
—
1.6
V
Tc = 25
C, I
TM = 12 A,
instantaneous measurement
VFGT
—
—
1.5
V

VRGT
—
—
1.5
V
Gate trigger voltage
Note2

VRGT
—
—
1.5
V
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
IFGT
—
—
30
mA

IRGT
—
—
30
mA
Gate trigger curent
Note2

IRGT
—
—
30
mA
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
Gate non-trigger voltage
VGD
0.2
—
—
V
Tj = 125
C, V
D = 1/2 VDRM
Thermal resistance
Rth (j-c)
—
—
2.7
C/W
Junction to case
Note3
Critical-rate of rise of off-state
(dv/dt)c
10
—
—
V/
s
Tj = 125
C
commutation voltage
Note4
Notes: 2. Measurement using the gate trigger characteristics measurement circuit.
3. Case temperature is measured on the T2 tab.
4. Test conditions of the critical-rate of rise of off-state commutating voltage is shown in the table below
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125
C
2. Rate of decay of on-state commutating current
(di/dt)c = –4.0 A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com