Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALM-12224 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-12224
Description  50 Watt High Power SPDT Switch with LNA Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-12224 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-12224 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-12224 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-12224 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-12224 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-12224 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-12224 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-12224 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-12224 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-12224 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Rating [1] TA = 25° C
Symbol
Parameter
Units
Absolute Max.
Vc1,max
Device Control Voltage 1
(At Rx mode)
V30
Ic1 ,max
Device Control Current 1
(At Rx mode)
mA
57
Vc2,max
Device Control Voltage 2
(At Tx mode)
V30
Ic2,max
Device Control Current 1
(At Tx mode)
mA
57
Vbias
Device Bias Voltage
V
5.5
Vdd1,2
Device Voltage, RF output to ground
V
5.5
Vg
Gate Voltage
V
0.7
Pin,max
Ant CW RF Input Power (Tx mode);
5 mins testing
dBm
+47.5
Pin,max
Ant CW RF Input Power (Rx mode)
(Vdd = 5.0 V, Idd1 = 50 mA)
dBm
+20
Pin,max
LNA2_In CW RF Input Power
(Vdd = 5.0 V, Idd2 = 120 mA)
dBm
+25
Rx Pdiss
Rx mode Total Power Dissipation [3]
LNA1
W
0.3
Rx mode Total Power Dissipation [3]
LNA2
W
0.5
Tx Pdiss
Tx mode Total Power Dissipation
W
11.2
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Tamb
Ambient Temperature
°C
-40 to 85
Rx mode Thermal Resistance [2]
LNA1: Vdd1 = 5.0 V, Idd1 = 50 mA
LNA2: Vdd2 = 5.0 V, Idd2 = 120 mA;
LNA1
jc = 74.7°C/W
LNA2
jc = 69.9°C/W
Tx mode Thermal Resistance [2]
LNA1: Vdd1 = 5.0 V, Idd1 = 50 mA
LNA2: Vdd2 = 5.0 V, Idd2 = 120 mA;
jc = 10.2°C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using Infra-Red
Measurement Technique.
3. Power dissipation in Rx mode with both LNA1
and LNA2 turned on. Board temperature TB is
25° C.
LNA1: Derate at 13.5 mW/°C for TB > 113° C.
LNA2: Derate at 14.3 mW/°C for TB > 86° C.
4. Switch Turn On Condition:
Tx mode: Vbias = 5 V, Vc1 = 0 V, Vc2 = 28 V
Rx mode: Vbias = 5 V, Vc1 = 28 V, Vc2 = 0 V
Rx/Tx Switch Operating Truth Table [1]
Mode
Vbias (V)
Vc1 (V)
Vc2 (V)
Rx (Ant – Rx)
5
28
0
Tx (Ant – Tx)
5
0
28
Note:
1. Any state other than described above in the truth table may cause permanent damage to
the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com