Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELF14M080E Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELF14M080E
Description  Dimensions in mm (not to scale)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF14M080E Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELF14M080E Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
12.0
±0.5
16.0
±1.0
8.0
±0.5
7.0
±0.5
10.5
±0.5
4-
f0.6
±0.1
8.00
±0.05
4-
f1.0
±0.1
1
2
3
4
Marking
16.0
±1.0
4-
f0.6
±0.1
12.0
±0.5
8.0
±0.5
10.5
±0.5
7.0
±0.5
14.5
±1.0
Marking
8.00
±0.05
4-
f1.0
±0.1
1
2
3
4
13.0
±0.5
13.00
±0.05
18.0
±1.0
15.0
±1.0
4-
f0.7
±0.1
10.0
±0.5
4-
f1.2
±0.1
1
2
3
4
Marking
■ Series M
● Type 11M
● Type 16M
Dimensions in mm (not to scale)
Recommended PWB piercing plan
Dimensions in mm (not to scale)
✽ DC Resistance
✽ DC Resistance
Part No.
Marking
Inductance
(mH)min.
✽RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
✽RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF16M020A
020A
28.0
3.650
0.2
ELF16M080A
080A
3.5
0.400
0.8
ELF16M030A
030A
20.0
2.700
0.3
ELF16M100A
100A
2.0
0.270
1.0
ELF16M040A
040A
15.0
1.800
0.4
ELF16M130A
130A
1.0
0.160
1.3
ELF16M050A
050A
8.0
0.980
0.5
ELF16M150A
150A
0.8
0.110
1.5
ELF16M060A
060A
7.0
0.800
0.6
ELF16M170A
170A
0.6
0.078
1.7
ELF16M070A
070A
5.0
0.550
0.7
ELF16M200A
200A
0.5
0.070
2.0
Part No.
Marking
Inductance
(mH)min.
✽RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
✽RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF11M010E
010E
30.0
9.70
0.1
ELF14M010E
010E
30.0
9.70
0.1
ELF11M020E
020E
12.0
4.30
0.2
ELF14M020E
020E
12.0
4.30
0.2
ELF11M030E
030E
6.0
2.30
0.3
ELF14M030E
030E
6.0
2.30
0.3
ELF11M040E
040E
3.5
1.35
0.4
ELF14M040E
040E
3.5
1.35
0.4
ELF11M050E
050E
2.5
0.93
0.5
ELF14M050E
050E
2.5
0.93
0.5
ELF11M060E
060E
1.5
0.58
0.6
ELF14M060E
060E
1.5
0.58
0.6
ELF11M070E
070E
1.0
0.36
0.7
ELF14M070E
070E
1.0
0.36
0.7
ELF11M080E
080E
0.8
0.33
0.8
ELF14M080E
080E
0.8
0.33
0.8
ELF11M090E
090E
0.7
0.28
0.9
ELF14M090E
090E
0.7
0.28
0.9
ELF11M100E
100E
0.5
0.251.0
ELF14M100E
100E
0.5
0.25
1.0
● Type 14M
Dimensions in mm (not to scale)
Recommended PWB piercing plan
Recommended PWB piercing plan
● Standard Parts (Vertical type)
● Standard Parts (Horizontal type)
● Standard Parts
Apr. 2011


Similar Part No. - ELF14M080E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF14M080E PANASONIC-ELF14M080E Datasheet
40Kb / 1P
Line Filters
More results

Similar Description - ELF14M080E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
ELF-18D612 PANASONIC-ELF-18D612 Datasheet
192Kb / 2P
Dimensions in mm not to scale Recommended PWB piercing plan
logo
Knowles Electronics
FG-23329-D65 KNOWLES-FG-23329-D65 Datasheet
135Kb / 2P
DO NOT SCALE DRAWING
FG-23629-D65 KNOWLES-FG-23629-D65 Datasheet
136Kb / 2P
DO NOT SCALE DRAWING
logo
Hammond Manufacturing L...
1418B6 HAMMOND-1418B6 Datasheet
217Kb / 1P
Isometric drawing Not to Scale
logo
Panasonic Semiconductor
ELF-18D225 PANASONIC-ELF-18D225 Datasheet
84Kb / 3P
Dimensions in mm (not to scale)
logo
E-SWITCH
R072023 E-SWITCH-R072023 Datasheet
20Kb / 1P
All Dimensions In MM
logo
Panasonic Semiconductor
ELF-18D850X PANASONIC-ELF-18D850X Datasheet
122Kb / 3P
Dimensions in mm (not to scale)
ELF-15N015A PANASONIC-ELF-15N015A Datasheet
71Kb / 2P
Dimensions in mm (not to scale)
logo
Pran Electronics Pvt. L...
JP-S1-8P8C-2P PRAN-JP-S1-8P8C-2P Datasheet
245Kb / 1P
DRAWING NOT TO SCALE
11/07/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com