Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B65815P Datasheet(PDF) 6 Page - EPCOS

Part # B65815P
Description  Ferrites and accessories
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65815P Datasheet(HTML) 6 Page - EPCOS

Back Button B65815P Datasheet HTML 2Page - EPCOS B65815P Datasheet HTML 3Page - EPCOS B65815P Datasheet HTML 4Page - EPCOS B65815P Datasheet HTML 5Page - EPCOS B65815P Datasheet HTML 6Page - EPCOS B65815P Datasheet HTML 7Page - EPCOS B65815P Datasheet HTML 8Page - EPCOS B65815P Datasheet HTML 9Page - EPCOS B65815P Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Clamp
■
With ground terminal, made of spring steel (tinned), 0.45 mm thick
■
Solderability to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
C, 2 s
Ordering code
Clamp (ordering code per piece, 2 are required)
B65816A2002X000
B65816
Accessories
RM 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com