Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP25020E/P Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP25020E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020E/P Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP25020E/P Datasheet HTML 39Page - Microchip Technology MCP25020E/P Datasheet HTML 40Page - Microchip Technology MCP25020E/P Datasheet HTML 41Page - Microchip Technology MCP25020E/P Datasheet HTML 42Page - Microchip Technology MCP25020E/P Datasheet HTML 43Page - Microchip Technology MCP25020E/P Datasheet HTML 44Page - Microchip Technology MCP25020E/P Datasheet HTML 45Page - Microchip Technology MCP25020E/P Datasheet HTML 46Page - Microchip Technology MCP25020E/P Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 43
MCP2502X/5X
REGISTER 7-3:
A/D MODULE COMPARE REGISTER MSB (ADCMPNH)
REGISTER 7-4:
A/D MODULE COMPARE REGISTER LSB (ADCMPNL)
REGISTER 7-5:
ADCON0 REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
ANnCMP9 ANnCMP8 ANnCMP7 ANnCMP6
ANnCMP5
ANnCMP4
ANnCMP3
ANnCMP2
bit 7
bit 0
bit 7-0
ANnCMP9:ANnCMP2: Most Significant A/D Compare bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-x
R/W-x
U-0
U-0
U-0
U-0
U-0
U-0
ANnCMP1 ANnCMP0
—
—
—
—
—
—
bit 7
bit 0
bit 7-6
ANnCMP1:ANnCMP0: Least Significant A/D Compare bits
bit 5-0
Unimplemented: Reads as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-0
R/W-0
R/W-0
R/W-0
U-x
U-0
U-x
U-x
ADON
T0PS2
T0PS1
T0PS0
—
—
—
—
bit 7
bit 0
bit 7
ADON: A/D On Bit
1
= A/D converter module is operating
0
= A/D converter module is shut off and consumes no operating current
bit 6-4
T0PS2:T0PS0: Timer0 Prescaler Rate Select bits (used for auto-conversions)
000
= 1:1 Prescaller Rate
001
= 1:8 Prescaller Rate
010
= 1:32 Prescaller Rate
011
= 1:128 Prescaller Rate
100
= 1:512 Prescaller Rate
101
= 1:1024 Prescaller Rate
110
= 1:2048 Prescaller Rate
111
= 1:4096 Prescaller Rate
Formula: (TOSC)(1024) (Prescaler Rate)
bit 3
Reserved
bit 2
Unimplemented: Reads as ‘0’
bit 1-0
Reserved
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com