Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320E/SSQTP Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC18F1320E/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320E/SSQTP Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC18F1320E/SSQTP Datasheet HTML 121Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 122Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 123Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 124Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 125Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 126Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 127Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 128Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 123
PIC18F1220/1320
15.5.5
FULL-BRIDGE MODE
In Full-Bridge Output mode, four pins are used as
outputs; however, only two outputs are active at a time.
In the Forward mode, pin RB3/CCP1/P1A is continu-
ously active and pin RB7/PGD/T1OSI/P1D/KBI3 is
modulated. In the Reverse mode, pin RB6/PGC/
T1OSO/T13CKI/P1C/KBI2 is continuously active and
pin RB2/P1B/INT2 is modulated. These are illustrated
in Figure 15-8.
The TRISB<3:2> and TRISB<7:6> bits must be cleared
to make the P1A, P1B, P1C and P1D pins output.
FIGURE 15-8:
FULL-BRIDGE PWM OUTPUT (ACTIVE-HIGH)
Period
Duty Cycle
P1A
P1B
P1C
P1D
Forward Mode
(1)
Period
Duty Cycle
P1A
P1C
P1D
P1B
Reverse Mode
(1)
(1)
(1)
Note 1:
At this time, the TMR2 register is equal to the PR2 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com