Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320E/SSQTP Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC18F1320E/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320E/SSQTP Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC18F1320E/SSQTP Datasheet HTML 123Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 124Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 125Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 126Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 127Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 128Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 129Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 130Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 125
PIC18F1220/1320
FIGURE 15-10:
PWM DIRECTION CHANGE (ACTIVE-HIGH)
FIGURE 15-11:
PWM DIRECTION CHANGE AT NEAR 100% DUTY CYCLE (ACTIVE-HIGH)
DC
PWM Period(1)
SIGNAL
Note
1: The direction bit in the CCP1 Control register (CCP1CON<7>) is written any time during the PWM cycle.
2: When changing directions, the P1A and P1C toggle one Timer2 count before the end of the current PWM cycle.
The modulated P1B and P1D signals are inactive at this time.
PWM Period
One Timer2 Count(2)
P1A
P1B
P1C
P1D
DC
Forward Period
Reverse Period
P1A
tON
tOFF
t = tOFF – tON
P1B
P1C
P1D
External Switch D
Potential
Shoot-Through
Current
Note 1:
tON is the turn-on delay of power switch QC and its driver.
2: tOFF is the turn-off delay of power switch QD and its driver.
External Switch C
t1
DC
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com