Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320I/SOSQTP Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC18F1320I/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320I/SOSQTP Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC18F1320I/SOSQTP Datasheet HTML 127Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 128Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 129Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 130Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 131Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 132Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 133Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 134Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 129
PIC18F1220/1320
15.5.9
SETUP FOR PWM OPERATION
The following steps should be taken when configuring
the ECCP1 module for PWM operation:
1.
Configure the PWM pins P1A and P1B (and
P1C and P1D, if used) as inputs by setting the
corresponding TRISB bits.
2.
Set the PWM period by loading the PR2 register.
3.
Configure the ECCP module for the desired
PWM mode and configuration by loading the
CCP1CON register with the appropriate values:
• Select one of the available output
configurations and direction with the
P1M1:P1M0 bits.
• Select the polarities of the PWM output
signals with the CCP1M3:CCP1M0 bits.
4.
Set the PWM duty cycle by loading the CCPR1L
register and CCP1CON<5:4> bits.
5.
For Half-Bridge Output mode, set the dead-
band delay by loading PWM1CON<6:0> with
the appropriate value.
6.
If auto-shutdown operation is required, load the
ECCPAS register:
• Select the auto-shutdown sources using the
ECCPAS<2:0> bits.
• Select the shutdown states of the PWM
output pins using PSSAC1:PSSAC0 and
PSSBD1:PSSBD0 bits.
• Set the ECCPASE bit (ECCPAS<7>).
7.
If auto-restart operation is required, set the
PRSEN bit (PWM1CON<7>).
8.
Configure and start TMR2:
• Clear the TMR2 interrupt flag bit by clearing
the TMR2IF bit (PIR1<1>).
• Set the TMR2 prescale value by loading the
T2CKPS bits (T2CON<1:0>).
• Enable Timer2 by setting the TMR2ON bit
(T2CON<2>).
9.
Enable PWM outputs after a new PWM cycle
has started:
• Wait until TMR2 overflows (TMR2IF bit is set).
• Enable the CCP1/P1A, P1B, P1C and/or P1D
pin outputs by clearing the respective TRISB
bits.
• Clear the ECCPASE bit (ECCPAS<7>).
15.5.10
OPERATION IN LOW-POWER
MODES
In the Low-Power Sleep mode, all clock sources are
disabled. Timer2 will not increment and the state of the
module will not change. If the ECCP pin is driving a
value, it will continue to drive that value. When the
device wakes up, it will continue from this state. If Two-
Speed Start-ups are enabled, the initial start-up
frequency may not be stable if the INTOSC is being
used.
In PRI_IDLE mode, the primary clock will continue to
clock the ECCP module without change.
In all other low-power modes, the selected low-power
mode clock will clock Timer2. Other low-power mode
clocks will most likely be different than the primary
clock frequency.
15.5.10.1
Operation with Fail-Safe
Clock Monitor
If
the
Fail-Safe
Clock
Monitor
is
enabled
(CONFIG1H<6> is programmed), a clock failure will
force the device into the Low-Power RC_RUN mode
and the OSCFIF bit (PIR2<7>) will be set. The ECCP
will then be clocked from the INTRC clock source,
which may have a different clock frequency than the
primary clock. By loading the IRCF2:IRCF0 bits on
Resets, the user can enable the INTOSC at a high
clock speed in the event of a clock failure.
See the previous section for additional details.
15.5.11
EFFECTS OF A RESET
Both power-on and subsequent Resets will force all
ports to input mode and the CCP registers to their
Reset states.
This forces the Enhanced CCP module to reset to a
state compatible with the standard CCP module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com