Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320I/SOSQTP Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC18F1320I/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320I/SOSQTP Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC18F1320I/SOSQTP Datasheet HTML 129Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 130Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 131Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 132Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 133Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 134Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 135Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 136Page - Microchip Technology PIC18F1320I/SOSQTP Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 131
PIC18F1220/1320
16.0
ENHANCED ADDRESSABLE
UNIVERSAL SYNCHRONOUS
ASYNCHRONOUS RECEIVER
TRANSMITTER (EUSART)
The Enhanced Addressable Universal Synchronous
Asynchronous Receiver Transmitter (EUSART) mod-
ule can be configured as a full-duplex asynchronous
system that can communicate with peripheral devices,
such as CRT terminals and personal computers. It can
also be configured as a half-duplex synchronous
system that can communicate with peripheral devices,
such as
A/D or D/A integrated circuits, serial
EEPROMs, etc.
The
Enhanced
Addressable
USART
module
implements additional features, including automatic
baud rate detection and calibration, automatic wake-up
on Sync Break reception and 12-bit Break character
transmit. These features make it ideally suited for use
in Local Interconnect Network (LIN) bus systems.
The EUSART can be configured in the following
modes:
• Asynchronous (full duplex) with:
- Auto-wake-up on character reception
- Auto-baud calibration
- 12-bit Break character transmission
• Synchronous – Master (half duplex) with
selectable clock polarity
• Synchronous – Slave (half duplex) with selectable
clock polarity
The RB1/AN5/TX/CK/INT1 and RB4/AN6/RX/DT/KBI0
pins must be configured as follows for use with the
Universal
Synchronous
Asynchronous
Receiver
Transmitter:
• SPEN (RCSTA<7>) bit must be set ( = 1),
• PCFG6:PCFG5 (ADCON1<5:6>) must be set ( = 1),
• TRISB<4> bit must be set ( = 1) and
• TRISB<1> bit must be set ( = 1).
The operation of the Enhanced USART module is
controlled through three registers:
• Transmit Status and Control (TXSTA)
• Receive Status and Control (RCSTA)
• Baud Rate Control (BAUDCTL)
These are detailed in on the following pages in
Register 16-1,
Register 16-2
and
Register 16-3,
respectively.
16.1
Asynchronous Operation in Power
Managed Modes
The EUSART may operate in Asynchronous mode
while the peripheral clocks are being provided by the
internal oscillator block. This makes it possible to
remove the crystal or resonator that is commonly
connected as the primary clock on the OSC1 and
OSC2 pins.
The factory calibrates the internal oscillator block out-
put (INTOSC) for 8 MHz (see Table 22-6). However,
this frequency may drift as VDD or temperature
changes and this directly affects the asynchronous
baud rate. Two methods may be used to adjust the
baud rate clock, but both require a reference clock
source of some kind.
The first (preferred) method uses the OSCTUNE
register to adjust the INTOSC output back to 8 MHz.
Adjusting the value in the OSCTUNE register allows for
fine resolution changes to the system clock source (see
Section 3.6 “INTOSC Frequency Drift” for more
information).
The other method adjusts the value in the Baud Rate
Generator (BRG). There may not be fine enough
resolution when adjusting the Baud Rate Generator to
compensate for a gradual change in the peripheral
clock frequency.
Note:
The EUSART control will automatically
reconfigure the pin from input to output as
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com