Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F509I/P Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC12F509I/P
Description  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F509I/P Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC12F509I/P Datasheet HTML 40Page - Microchip Technology PIC12F509I/P Datasheet HTML 41Page - Microchip Technology PIC12F509I/P Datasheet HTML 42Page - Microchip Technology PIC12F509I/P Datasheet HTML 43Page - Microchip Technology PIC12F509I/P Datasheet HTML 44Page - Microchip Technology PIC12F509I/P Datasheet HTML 45Page - Microchip Technology PIC12F509I/P Datasheet HTML 46Page - Microchip Technology PIC12F509I/P Datasheet HTML 47Page - Microchip Technology PIC12F509I/P Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
PIC12F508/509/16F505
DS41236E-page 44
© 2009 Microchip Technology Inc.
7.2
Oscillator Configurations
7.2.1
OSCILLATOR TYPES
The PIC12F508/509/16F505 devices can be operated
in up to six different oscillator modes. The user can
program up to three Configuration bits (FOSC<1:0>
[PIC12F508/509], FOSC<2:0> [PIC16F505]). To select
one of these modes:
• LP:
Low-Power Crystal
• XT:
Crystal/Resonator
• HS:
High-Speed Crystal/Resonator
(PIC16F505 only)
• INTRC: Internal 4 MHz Oscillator
• EXTRC: External Resistor/Capacitor
• EC:
External High-Speed Clock Input
(PIC16F505 only)
7.2.2
CRYSTAL OSCILLATOR/CERAMIC
RESONATORS
In HS (PIC16F505), XT or LP modes, a crystal or
ceramic resonator is connected to the (GP5/RB5)/
OSC1/(CLKIN) and (GP4/RB4)/OSC2/(CLKOUT) pins
to establish oscillation (Figure 7-1). The PIC12F508/
509/16F505 oscillator designs require the use of a
parallel cut crystal. Use of a series cut crystal may give
a
frequency
out
of
the
crystal
manufacturers
specifications. When in HS (PIC16F505), XT or LP
modes, the device can have an external clock source
drive the (GP5/RB5)/OSC1/CLKIN pin (Figure 7-2).
When the part is used in this fashion, the output drive
levels on the OSC2 pin are very weak. This pin should
be left open and unloaded. Also, when using this mode,
the external clock should observe the frequency limits
for the clock mode chosen (HS, XT or LP).
FIGURE 7-1:
CRYSTAL OPERATION
(OR CERAMIC
RESONATOR)
(HS, XT OR LP OSC
CONFIGURATION)
FIGURE 7-2:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR
LP OSC
CONFIGURATION)
TABLE 7-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS –
PIC12F508/509/16F505(1)
Note 1: This device has been designed to per-
form to the parameters of its data sheet.
It has been tested to an electrical
specification designed to determine its
conformance with these parameters.
Due
to
process
differences
in
the
manufacture of this device, this device
may have different performance charac-
teristics than its earlier version. These
differences may cause this device to
perform differently in your application
than the earlier version of this device.
2: The user should verify that the device
oscillator
starts
and
performs
as
expected. Adjusting the loading capacitor
values and/or the Oscillator mode may
be required.
Osc
Type
Resonator
Freq.
Cap. Range
C1
Cap. Range
C2
XT
4.0 MHz
30 pF
30 pF
HS(2)
16 MHz
10-47 pF
10-47 pF
Note 1:
These values are for design guidance
only. Since each resonator has its own
characteristics, the user should consult
the resonator manufacturer for
appropriate values of external
components.
2:
PIC16F505 only.
Note
1:
See Capacitor Selection tables for
recommended values of C1 and C2.
2:
A series resistor (RS) may be required for AT
strip cut crystals.
3:
RF approx. value = 10 M
Ω.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
Sleep
To internal
logic
RS(2)
PIC12F508/509
PIC16F505
Clock from
ext. system
OSC1
OSC2
PIC16F505
Open
PIC12F508/509



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com