| Electronic Components Datasheet Search |
|
PIC12F509I/P Datasheet(PDF) 52 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509I/P Datasheet(HTML) 52 Page - Microchip Technology |
|
52 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 52 © 2009 Microchip Technology Inc. 7.5 Device Reset Timer (DRT) On the PIC12F508/509/16F505 devices, the DRT runs any time the device is powered up. DRT runs from Reset and varies based on oscillator selection and Reset type (see Table 7-6). The DRT operates on an internal RC oscillator. The processor is kept in Reset as long as the DRT is active. The DRT delay allows VDD to rise above VDD min. and for the oscillator to stabilize. Oscillator circuits based on crystals or ceramic resona- tors require a certain time after power-up to establish a stable oscillation. The on-chip DRT keeps the devices in a Reset condition for approximately 18 ms after MCLR has reached a logic high (VIH MCLR) level. Programming (GP3/RB3)/MCLR/VPP as MCLR and using an external RC network connected to the MCLR input is not required in most cases. This allows savings in cost-sensitive and/or space restricted applications, as well as allowing the use of the (GP3/RB3)/MCLR/VPP pin as a general purpose input. The Device Reset Time delays will vary from chip-to- chip due to VDD, temperature and process variation. See AC parameters for details. The DRT will also be triggered upon a Watchdog Timer time-out from Sleep. This is particularly important for applications using the WDT to wake from Sleep mode automatically. Reset sources are POR, MCLR, WDT time-out and wake-up on pin change. See Section 7.9.2 “Wake-up from Sleep”, Notes 1, 2 and 3. 7.6 Watchdog Timer (WDT) The Watchdog Timer (WDT) is a free running on-chip RC oscillator, which does not require any external components. This RC oscillator is separate from the external RC oscillator of the (GP5/RB5)/OSC1/CLKIN pin and the internal 4 MHz oscillator. This means that the WDT will run even if the main processor clock has been stopped, for example, by execution of a SLEEP instruction. During normal operation or Sleep, a WDT Reset or wake-up Reset, generates a device Reset. The TO bit (STATUS<4>) will be cleared upon a Watchdog Timer Reset. The WDT can be permanently disabled by programming the configuration WDTE as a ‘0’ (see Section 7.1 “Configuration Bits”). Refer to the PIC12F508/509/16F505 Programming Specifications to determine how to access the Configuration Word. TABLE 7-6: DRT (DEVICE RESET TIMER PERIOD) 7.6.1 WDT PERIOD The WDT has a nominal time-out period of 18 ms, (with no prescaler). If a longer time-out period is desired, a prescaler with a division ratio of up to 1:128 can be assigned to the WDT (under software control) by writing to the OPTION register. Thus, a time-out period of a nominal 2.3 seconds can be realized. These periods vary with temperature, VDD and part-to-part process variations (see DC specs). Under worst case conditions (VDD = Min., Temperature = Max., max. WDT prescaler), it may take several seconds before a WDT time-out occurs. 7.6.2 WDT PROGRAMMING CONSIDERATIONS The CLRWDT instruction clears the WDT and the postscaler, if assigned to the WDT, and prevents it from timing out and generating a device Reset. The SLEEP instruction resets the WDT and the post- scaler, if assigned to the WDT. This gives the maximum Sleep time before a WDT wake-up Reset. Oscillator Configuration POR Reset Subsequent Resets INTOSC, EXTRC 18 ms (typical) 10 μs (typical) HS(1), XT, LP 18 ms (typical) 18 ms (typical) EC(1) 18 ms (typical) 10 μs (typical) Note 1: PIC16F505 only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |