| Electronic Components Datasheet Search |
|
PIC12F509E/SL Datasheet(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509E/SL Datasheet(HTML) 73 Page - Microchip Technology |
|
73 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 73 PIC12F508/509/16F505 TABLE 10-1: DC CHARACTERISTICS: PIC12F508/509/16F505 (Industrial, Extended) DC CHARACTERISTICS Standard Operating Conditions (unless otherwise specified) Operating temperature -40°C ≤ TA ≤ +85°C (industrial) -40°C ≤ TA ≤ +125°C (extended) Operating voltage VDD range as described in DC specification Param No. Sym. Characteristic Min. Typ† Max. Units Conditions VIL Input Low Voltage I/O ports: D030 with TTL buffer Vss — 0.8V V For all 4.5 ≤ VDD ≤ 5.5V D030A Vss — 0.15 VDD V Otherwise D031 with Schmitt Trigger buffer Vss — 0.15 VDD V D032 MCLR, T0CKI Vss — 0.15 VDD V D033 OSC1 (in EXTRC) Vss — 0.15 VDD V (Note1) D033 OSC1 (in HS) Vss — 0.3 VDD V (Note1) D033 OSC1 (in XT and LP) Vss — 0.3 V (Note1) VIH Input High Voltage I/O ports: — D040 with TTL buffer 2.0 — VDD V4.5 ≤ VDD ≤ 5.5V D040A 0.25 VDD + 0.8 —VDD V Otherwise D041 with Schmitt Trigger buffer 0.85 VDD —VDD V For entire VDD range D042 MCLR, T0CKI 0.85 VDD —VDD V D043 OSC1 (in EXTRC) 0.85 VDD —VDD V (Note1) D043 OSC1 (in HS) 0.7 VDD —VDD V (Note1) D043 OSC1 (in XT and LP) 1.6 — VDD V D070 IPUR GPIO/PORTB weak pull-up current(4) 50 250 400 μAVDD = 5V, VPIN = VSS IIL Input Leakage Current(2), (3) D060 I/O ports — — ± 1 μAVss ≤ VPIN ≤ VDD, Pin at high-impedance D061 GP3/RB3/MCLRI(5) —± 0.7 ± 5 μAVss ≤ VPIN ≤ VDD D063 OSC1 — — ± 5 μAVss ≤ VPIN ≤ VDD, XT, HS and LP oscillator configuration Output Low Voltage D080 I/O ports/CLKOUT — — 0.6 V IOL = 8.5 mA, VDD = 4.5V, -40 °C to +85°C D080A — — 0.6 V IOL = 7.0 mA, VDD = 4.5V, -40 °C to +125°C D083 OSC2 — — 0.6 V IOL = 1.6 mA, VDD = 4.5V, -40 °C to +85°C D083A — — 0.6 V IOL = 1.2 mA, VDD = 4.5V, -40 °C to +125°C Output High Voltage D090 I/O ports/CLKOUT(3) VDD – 0.7 — — V IOH = -3.0 mA, VDD = 4.5V, -40 °C to +85°C D090A VDD – 0.7 — — V IOH = -2.5 mA, VDD = 4.5V, -40 °C to +125°C D092 OSC2 VDD – 0.7 — — V IOH = -1.3 mA, VDD = 4.5V, -40 °C to +85°C D092A VDD – 0.7 — — V IOH = -1.0 mA, VDD = 4.5V, -40 °C to +125°C Capacitive Loading Specs on Output Pins D100 OSC2 pin — — 15 pF In XT, HS and LP modes when external clock is used to drive OSC1. D101 All I/O pins and OSC2 — — 50 pF † Data in “Typ” column is at 5V, 25 °C unless otherwise stated. These parameters are for design guidance only and are not tested. Note 1: In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC12F508/509/ 16F505 be driven with external clock in RC mode. 2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent normal operating conditions. Higher leakage current may be measured at different input voltages. 3: Negative current is defined as coming out of the pin. 4: The specification applies to all weak pull-up devices, including the weak pull-up on GP3/MCLR. The current listed will be the same whether GP3/MCLR is configured as GP3 with a weak pull-up or enabled as MCLR. 5: This specification applies when GP3/RB3/MCLR is configured as an input with pull-up disabled. The leakage current of the MCLR circuit is higher than the standard I/O logic. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |