Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220TE/SSQTP Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC18F1220TE/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SSQTP Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC18F1220TE/SSQTP Datasheet HTML 158Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 159Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 160Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 161Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 162Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 163Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 164Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 165Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 308 page
background image
PIC18F1220/1320
DS39605F-page 160
© 2007 Microchip Technology Inc.
17.1
A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 17-2. The
source impedance (RS) and the internal sampling
switch (RSS) impedance directly affect the time
required to charge the capacitor CHOLD. The sampling
switch (RSS) impedance varies over the device voltage
(VDD). The source impedance affects the offset voltage
at the analog input (due to pin leakage current). The
maximum recommended impedance for analog
sources is 2.5 k
Ω. After the analog input channel is
selected (changed), the channel must be sampled for
at least the minimum acquisition time before starting a
conversion.
To
calculate
the
minimum
acquisition
time,
Equation 17-1 may be used. This equation assumes
that 1/2 LSb error is used (1024 steps for the A/D). The
1/2 LSb error is the maximum error allowed for the A/D
to meet its specified resolution.
Example 17-1 shows the calculation of the minimum
required acquisition time, TACQ. This calculation is
based
on
the
following
application
system
assumptions:
CHOLD
=
120 pF
Rs
=
2.5 k
Ω
Conversion Error
≤
1/2 LSb
VDD
=5V
→ RSS = 7 kΩ
Temperature
=
50
°C (system max.)
VHOLD
=
0V @ time = 0
17.2
A/D VREF+ and VREF- References
If external voltage references are used instead of the
internal AVDD and AVSS sources, the source imped-
ance of the VREF+ and VREF- voltage sources must be
considered. During acquisition, currents supplied by
these sources are insignificant. However, during
conversion, the A/D module sinks and sources current
through the reference sources.
In order to maintain the A/D accuracy, the voltage
reference source impedances should be kept low to
reduce voltage changes. These voltage changes occur
as reference currents flow through the reference
source impedance. The maximum recommended
impedance of the VREF+ and VREF- external
reference voltage sources is 250
Ω.
EQUATION 17-1:
ACQUISITION TIME
EQUATION 17-2:
A/D MINIMUM CHARGING TIME
EXAMPLE 17-1:
CALCULATING THE MINIMUM REQUIRED ACQUISITION TIME
Note:
When the conversion is started, the
holding capacitor is disconnected from the
input pin.
TACQ = Amplifier Settling Time + Holding Capacitor Charging Time + Temperature Coefficient
=TAMP + TC + TCOFF
VHOLD =
(
ΔVREF – (ΔVREF/2048)) • (1 – e(-TC/CHOLD(RIC + RSS + RS)))
or
TC
=
-(CHOLD)(RIC + RSS + RS) ln(1/2048)
TACQ =TAMP + TC + TCOFF
TAMP =5
μs
TCOFF = (Temp – 25ºC)(0.05
μs/ºC)
(50ºC – 25ºC)(0.05
μs/ºC)
1.25
μs
Temperature coefficient is only required for temperatures > 25ºC. Below 25ºC, TCOFF = 0
μs.
TC
=-(CHOLD)(RIC + RSS + RS) ln(1/2047)
μs
-(120 pF) (1 k
Ω + 7 kΩ + 2.5 kΩ) ln(0.0004883) μs
9.61
μs
TACQ =5
μs + 1.25 μs + 9.61 μs
12.86
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com