Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220TE/SSQTP Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC18F1220TE/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SSQTP Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC18F1220TE/SSQTP Datasheet HTML 162Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 163Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 164Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 165Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 166Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 167Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 168Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 169Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 308 page
background image
PIC18F1220/1320
DS39605F-page 164
© 2007 Microchip Technology Inc.
17.8
Use of the CCP1 Trigger
An A/D conversion can be started by the “special event
trigger” of the CCP1 module. This requires that the
CCP1M3:CCP1M0 bits (CCP1CON<3:0>) be pro-
grammed as ‘1011’ and that the A/D module is enabled
(ADON bit is set). When the trigger occurs, the
GO/DONE bit will be set, starting the A/D acquisition
and conversion and the Timer1 (or Timer3) counter will
be reset to zero. Timer1 (or Timer3) is reset to auto-
matically repeat the A/D acquisition period with minimal
software overhead (moving ADRESH/ADRESL to the
desired
location).
The
appropriate
analog
input
channel must be selected and the minimum acquisition
period is either timed by the user, or an appropriate
TACQ time selected before the “special event trigger”
sets the GO/DONE bit (starts a conversion).
If the A/D module is not enabled (ADON is cleared), the
“special event trigger” will be ignored by the A/D
module, but will still reset the Timer1 (or Timer3)
counter.
TABLE 17-2:
SUMMARY OF A/D REGISTERS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE/
GIEH
PEIE/
GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 0000
0000 0000
PIR1
—ADIF
RCIF
TXIF
—
CCP1IF
TMR2IF
TMR1IF
-000 -000
-000 -000
PIE1
—ADIE
RCIE
TXIE
—
CCP1IE
TMR2IE
TMR1IE
-000 -000
-000 -000
IPR1
—ADIP
RCIP
TXIP
—
CCP1IP
TMR2IP
TMR1IP
-111 -111
-111 -111
PIR2
OSCFIF
—
—
EEIF
—
LVDIF
TMR3IF
—
0--0 -00-
0--0 -00-
PIE2
OSCFIE
—
—
EEIE
—
LVDIE
TMR3IE
—
0--0 -00-
0--0 -00-
IPR2
OSCFIP
—
—
EEIP
—
LVDIP
TMR3IP
—
1--1 -11-
1--1 -11-
ADRESH
A/D Result Register High Byte
xxxx xxxx
uuuu uuuu
ADRESL
A/D Result Register Low Byte
xxxx xxxx
uuuu uuuu
ADCON0
VCFG1
VCFG0
—
CHS2
CHS1
CHS0
GO/DONE
ADON
00-0 0000
00-0 0000
ADCON1
—
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
-000 0000
-000 0000
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000
0-00 0000
PORTA
RA7(3)
RA6(2)
RA5(1)
RA4
RA3
RA2
RA1
RA0
qq0x 0000
uu0u 0000
TRISA
TRISA7(3) TRISA6(2)
—
PORTA Data Direction Register
qq-1 1111
11-1 1111
PORTB
Read PORTB pins, Write LATB Latch
xxxx xxxx
uuuu uuuu
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
LATB
PORTB Output Data Latch
xxxx xxxx
uuuu uuuu
Legend:
x
= unknown, u = unchanged, q = depends on CONFIG1H<3:0>, – = unimplemented, read as ‘0’.
Shaded cells are not used for A/D conversion.
Note
1:
RA5 port bit is available only as an input pin when the MCLRE bit in the configuration register is ‘0’.
2:
RA6 and TRISA6 are available only when the primary oscillator mode selection offers RA6 as a port pin; otherwise, RA6
always reads ‘0’, TRISA6 always reads ‘1’ and writes to both are ignored (see CONFIG1H<3:0>).
3:
RA7 and TRISA7 are available only when the internal RC oscillator is configured as the primary oscillator in
CONFIG1H<3:0>; otherwise, RA7 always reads ‘0’, TRISA7 always reads ‘1’ and writes to both are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com