Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220TE/SSQTP Datasheet(PDF) 191 Page - Microchip Technology

Part # PIC18F1220TE/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SSQTP Datasheet(HTML) 191 Page - Microchip Technology

Back Button PIC18F1220TE/SSQTP Datasheet HTML 187Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 188Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 189Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 190Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 191Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 192Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 193Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 194Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 189
PIC18F1220/1320
19.9
Low-Voltage ICSP Programming
The LVP bit in configuration register, CONFIG4L,
enables Low-Voltage Programming (LVP). When LVP
is enabled, the microcontroller can be programmed
without requiring high voltage being applied to the
MCLR/VPP/RA5 pin, but the RB5/PGM/KBI1 pin is then
dedicated to controlling Program mode entry and is not
available as a general purpose I/O pin.
LVP is enabled in erased devices.
While programming using LVP, VDD is applied to the
MCLR/VPP/RA5 pin as in normal execution mode. To
enter Programming mode, VDD is applied to the PGM
pin.
If Low-Voltage Programming mode will not be used, the
LVP bit can be cleared and RB5/PGM/KBI1 becomes
available as the digital I/O pin RB5. The LVP bit may be
set or cleared only when using standard high-voltage
programming (VIHH applied to the MCLR/VPP/RA5 pin).
Once LVP has been disabled, only the standard high-
voltage programming is available and must be used to
program the device.
Memory that is not code-protected can be erased,
using either a Block Erase, or erased row by row, then
written at any specified VDD. If code-protected memory
is to be erased, a Block Erase is required. If a Block
Erase is to be performed when using Low-Voltage
Programming, the device must be supplied with VDD of
4.5V to 5.5V.
Note 1: High-voltage
programming
is
always
available, regardless of the state of the
LVP bit or the PGM pin, by applying VIHH
to the MCLR pin.
2: When
Low-Voltage
Programming
is
enabled, the RB5 pin can no longer be
used as a general purpose I/O pin.
3: When LVP is enabled, externally pull the
PGM pin to VSS to allow normal program
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com