Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220TE/SSQTP Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC18F1220TE/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SSQTP Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC18F1220TE/SSQTP Datasheet HTML 184Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 185Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 186Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 187Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 188Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 189Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 190Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 191Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 308 page
background image
PIC18F1220/1320
DS39605F-page 186
© 2007 Microchip Technology Inc.
19.5.1
PROGRAM MEMORY
CODE PROTECTION
The program memory may be read to, or written from,
any location using the table read and table write
instructions. The device ID may be read with table
reads. The configuration registers may be read and
written with the table read and table write instructions.
In normal execution mode, the CPn bits have no direct
effect. CPn bits inhibit external reads and writes. A
block of user memory may be protected from table
writes if the WRTn configuration bit is ‘0’. The EBTRn
bits control table reads. For a block of user memory
with the EBTRn bit set to ‘0’, a table read instruction
that executes from within that block is allowed to read.
A table read instruction that executes from a location
outside of that block is not allowed to read and will
result in reading ‘0’s. Figures 19-6 through 19-8
illustrate table write and table read protection.
FIGURE 19-6:
TABLE WRITE (WRTn) DISALLOWED: PIC18F1320
Note:
Code protection bits may only be written to
a ‘0’ from a ‘1’ state. It is not possible to
write a ‘1’ to a bit in the ‘0’ state. Code pro-
tection bits are only set to ‘1’ by a full Chip
Erase or Block Erase function. The full
Chip Erase and Block Erase functions can
only be initiated via ICSP or an external
programmer.
000000h
0001FFh
000200h
000FFFh
001000h
001FFFh
WRTB, EBTRB = 11
WRT0, EBTR0 = 01
TBLWT *
TBLPTR = 0002FFh
PC = 0007FEh
TBLWT *
PC = 0017FEh
Register Values
Program Memory
Configuration Bit Settings
Results: All table writes disabled to Blockn whenever WRTn = 0
.
WRT1, EBTR1 = 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com