Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220TE/SSQTP Datasheet(PDF) 184 Page - Microchip Technology

Part # PIC18F1220TE/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SSQTP Datasheet(HTML) 184 Page - Microchip Technology

Back Button PIC18F1220TE/SSQTP Datasheet HTML 180Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 181Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 182Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 183Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 184Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 185Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 186Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 187Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 308 page
background image
PIC18F1220/1320
DS39605F-page 182
© 2007 Microchip Technology Inc.
19.4
Fail-Safe Clock Monitor
The Fail-Safe Clock Monitor (FSCM) allows the micro-
controller to continue operation, in the event of an
external oscillator failure, by automatically switching
the system clock to the internal oscillator block. The
FSCM function is enabled by setting the Fail-Safe
Clock Monitor Enable bit, FSCM (CONFIG1H<6>).
When FSCM is enabled, the INTRC oscillator runs at
all times to monitor clocks to peripherals and provide
an instant backup clock in the event of a clock failure.
Clock monitoring (shown in Figure 19-3) is accom-
plished by creating a sample clock signal, which is the
INTRC output divided by 64. This allows ample time
between FSCM sample clocks for a peripheral clock
edge to occur. The peripheral system clock and the
sample clock are presented as inputs to the Clock
Monitor latch (CM). The CM is set on the falling edge of
the system clock source, but cleared on the rising edge
of the sample clock.
FIGURE 19-3:
FSCM BLOCK DIAGRAM
Clock failure is tested for on the falling edge of the sam-
ple clock. If a sample clock falling edge occurs while
CM is still set, a clock failure has been detected
(Figure 19-4). This causes the following:
• the FSCM generates an oscillator fail interrupt by
setting bit, OSCFIF (PIR2<7>);
• the system clock source is switched to the internal
oscillator block (OSCCON is not updated to show
the current clock source – this is the Fail-Safe
condition); and
•the WDT is reset.
Since the postscaler frequency from the internal oscil-
lator block may not be sufficiently stable, it may be
desirable to select another clock configuration and
enter an alternate power managed mode (see
Section 19.3.1 “Special Considerations for Using
Two-Speed Start-up” and Section 3.1.3 “Multiple
Sleep Commands” for more details). This can be
done to attempt a partial recovery, or execute a
controlled shutdown.
To use a higher clock speed on wake-up, the INTOSC
or postscaler clock sources can be selected to provide
a higher clock speed by setting bits, IFRC2:IFRC0,
immediately after Reset. For wake-ups from Sleep, the
INTOSC or postscaler clock sources can be selected
by setting IFRC2:IFRC0 prior to entering Sleep mode.
Adjustments to the internal oscillator block, using the
OSCTUNE register, also affect the period of the FSCM
by the same factor. This can usually be neglected, as
the clock frequency being monitored is generally much
higher than the sample clock frequency.
The FSCM will detect failures of the primary or second-
ary clock sources only. If the internal oscillator block
fails, no failure would be detected, nor would any action
be possible.
19.4.1
FSCM AND THE WATCHDOG TIMER
Both the FSCM and the WDT are clocked by the
INTRC oscillator. Since the WDT operates with a
separate divider and counter, disabling the WDT has
no effect on the operation of the INTRC oscillator when
the FSCM is enabled.
As already noted, the clock source is switched to the
INTOSC clock when a clock failure is detected.
Depending
on
the
frequency
selected
by
the
IRCF2:IRCF0 bits, this may mean a substantial change
in the speed of code execution. If the WDT is enabled
with a small prescale value, a decrease in clock speed
allows a WDT time-out to occur and a subsequent
device Reset. For this reason, Fail-Safe Clock events
also reset the WDT and postscaler, allowing it to start
timing from when execution speed was changed and
decreasing the likelihood of an erroneous time-out.
Peripheral
INTRC
÷ 64
S
C
Q
(32
μs)
488 Hz
(2.048 ms)
Clock Monitor
Latch (CM)
(edge-triggered)
Clock
Failure
Detected
Source
Clock
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com