Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220TE/SSQTP Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC18F1220TE/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SSQTP Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC18F1220TE/SSQTP Datasheet HTML 181Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 182Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 183Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 184Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 185Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 186Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 187Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 188Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 183
PIC18F1220/1320
19.4.2
EXITING FAIL-SAFE OPERATION
The Fail-Safe condition is terminated by either a device
Reset, or by entering a power managed mode. On
Reset, the controller starts the primary clock source
specified in Configuration Register 1H (with any
required start-up delays that are required for the
oscillator mode, such as OST or PLL timer). The
INTOSC multiplexer provides the system clock until the
primary clock source becomes ready (similar to a Two-
Speed Start-up). The clock system source is then
switched to the primary clock (indicated by the OSTS
bit in the OSCCON register becoming set). The Fail-
Safe Clock Monitor then resumes monitoring the
peripheral clock.
The primary clock source may never become ready
during start-up. In this case, operation is clocked by the
INTOSC multiplexer. The OSCCON register will remain
in its Reset state until a power managed mode is
entered.
Entering a power managed mode by loading the
OSCCON register and executing a SLEEP instruction
will clear the Fail-Safe condition. When the Fail-Safe
condition is cleared, the clock monitor will resume
monitoring the peripheral clock.
19.4.3
FSCM INTERRUPTS IN POWER
MANAGED MODES
As previously mentioned, entering a power managed
mode clears the Fail-Safe condition. By entering a
power managed mode, the clock multiplexer selects
the clock source selected by the OSCCON register.
Fail-Safe monitoring of the power managed clock
source resumes in the power managed mode.
If an oscillator failure occurs during power managed
operation, the subsequent events depend on whether
or not the oscillator failure interrupt is enabled. If
enabled (OSCFIF = 1), code execution will be clocked
by the INTOSC multiplexer. An automatic transition
back to the failed clock source will not occur.
If the interrupt is disabled, the device will not exit the
power managed mode on oscillator failure. Instead, the
device will continue to operate as before, but clocked
by the INTOSC multiplexer. While in Idle mode, subse-
quent interrupts will cause the CPU to begin executing
instructions while being clocked by the INTOSC multi-
plexer. The device will not transition to a different clock
source until the Fail-Safe condition is cleared.
FIGURE 19-4:
FSCM TIMING DIAGRAM
OSCFIF
CM Output
System
Clock
Output
Sample Clock
Failure
Detected
Oscillator
Failure
Note:
The system clock is normally at a much higher frequency than the sample clock. The relative frequencies in
this example have been chosen for clarity.
(Q)
CM Test
CM Test
CM Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com