Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2510E/SPQTP Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC18F2510E/SPQTP
Description  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2510E/SPQTP Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC18F2510E/SPQTP Datasheet HTML 47Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 48Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 49Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 50Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 51Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 52Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 53Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 54Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 376 page
background image
© 2009 Microchip Technology Inc.
DS39636D-page 53
PIC18F2X1X/4X1X
ADRESH
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
2410 2510 2515 2610 4410 4510 4515 4610
--00 0000
--00 0000
--uu uuuu
ADCON1
2410 2510 2515 2610 4410 4510 4515 4610
--00 0qqq
--00 0qqq
--uu uuuu
ADCON2
2410 2510 2515 2610 4410 4510 4515 4610
0-00 0000
0-00 0000
u-uu uuuu
CCPR1H
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
2410 2510 2515 2610 4410 4510 4515 4610
--00 0000
--00 0000
--uu uuuu
CCPR2H
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
2410 2510 2515 2610 4410 4510 4515 4610
--00 0000
--00 0000
--uu uuuu
BAUDCON
2410 2510 2515 2610 4410 4510 4515 4610
01-0 0-00
01-0 0-00
--uu uuuu
PWM1CON
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
ECCP1AS
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
2410 2510 2515 2610 4410 4510 4515 4610
0000 00--
0000 00--
uuuu uu--
CVRCON
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
CMCON
2410 2510 2515 2610 4410 4510 4515 4610
0000 0111
0000 0111
uuuu uuuu
TMR3H
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
uuuu uuuu
uuuu uuuu
SPBRGH
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
SPBRG
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
RCREG
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
TXREG
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
TXSTA
2410 2510 2515 2610 4410 4510 4515 4610
0000 0010
0000 0010
uuuu uuuu
RCSTA
2410 2510 2515 2610 4410 4510 4515 4610
0000 000x
0000 000x
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out
Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via
WDT
or Interrupt
Legend:
u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled as
PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com