Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2510E/SPQTP Datasheet(PDF) 136 Page - Microchip Technology

Part # PIC18F2510E/SPQTP
Description  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2510E/SPQTP Datasheet(HTML) 136 Page - Microchip Technology

Back Button PIC18F2510E/SPQTP Datasheet HTML 132Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 133Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 134Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 135Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 136Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 137Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 138Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 139Page - Microchip Technology PIC18F2510E/SPQTP Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 376 page
background image
PIC18F2X1X/4X1X
DS39636D-page 138
© 2009 Microchip Technology Inc.
TABLE 14-5:
REGISTERS ASSOCIATED WITH PWM AND TIMER2
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
51
RCON
IPEN
SBOREN(2)
—
RI
TO
PD
POR
BOR
50
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
54
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
54
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
54
TRISB
PORTB Data Direction Control Register
54
TRISC
PORTC Data Direction Control Register
54
TMR2
Timer2 Register
52
PR2
Timer2 Period Register
52
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0 TMR2ON T2CKPS1 T2CKPS0
52
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
53
CCPR1H
Capture/Compare/PWM Register 1 High Byte
53
CCP1CON
P1M1(1)
P1M0(1)
DC1B1
DC1B0
CCP1M3
CCP1M2 CCP1M1
CCP1M0
53
CCPR2L
Capture/Compare/PWM Register 2 Low Byte
53
CCPR2H
Capture/Compare/PWM Register 2 High Byte
53
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2 CCP2M1
CCP2M0
53
ECCP1AS
ECCPASE ECCPAS2 ECCPAS1 ECCPAS0
PSSAC1
PSSAC0 PSSBD1(1) PSSBD0(1)
53
PWM1CON PRSEN
PDC6(1)
PDC5(1)
PDC4(1)
PDC3(1)
PDC2(1)
PDC1(1)
PDC0(1)
53
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PWM or Timer2.
Note 1: These bits are unimplemented on 28-pin devices and read as ‘0’.
2: The SBOREN bit is only available when the BOREN1:BOREN0 Configuration bits = 01; otherwise, it is
disabled and reads as ‘0’. See Section 4.4 “Brown-out Reset (BOR)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com