Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220TE/SOSQTP Datasheet(PDF) 293 Page - Microchip Technology

Part # PIC18F1220TE/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SOSQTP Datasheet(HTML) 293 Page - Microchip Technology

Back Button PIC18F1220TE/SOSQTP Datasheet HTML 289Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 290Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 291Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 292Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 293Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 294Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 295Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 296Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 297Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 291
PIC18F1220/1320
APPENDIX A:
REVISION HISTORY
Revision A (August 2002)
Original data sheet for PIC18F1220/1320 devices.
Revision B (November 2002)
This
revision
includes
significant
changes
to
Section 2.0, Section 3.0 and Section 19.0, as well as
updates to the Electrical Specifications in Section 22.0
and includes minor corrections to the data sheet text.
Revision C (May 2004)
This revision includes updates to the Electrical Specifi-
cations in Section 22.0, the DC and AC Characteristics
Graphs and Tables in Section 23.0 and includes minor
corrections to the data sheet text.
Revision D (October 2006)
This revision includes updates to the packaging
diagrams.
Revision E (January 2007)
This revision includes updates to the packaging
diagrams.
Revision F (February 2007)
This revision includes updates to the packaging
diagrams.
APPENDIX B:
DEVICE
DIFFERENCES
The differences between the devices listed in this data
sheet are shown in Table B-1.
TABLE B-1:
DEVICE DIFFERENCES
Features
PIC18F1220
PIC18F1320
Program Memory (Bytes)
4096
8192
Program Memory (Instructions)
2048
4096
Interrupt Sources
15
15
I/O Ports
Ports A, B
Ports A, B
Enhanced Capture/Compare/PWM Modules
1
1
10-bit Analog-to-Digital Module
7 input channels
7 input channels
Packages
18-pin SDIP
18-pin SOIC
20-pin SSOP
28-pin QFN
18-pin SDIP
18-pin SOIC
20-pin SSOP
28-pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com