Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220TE/SOSQTP Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC18F1220TE/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SOSQTP Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC18F1220TE/SOSQTP Datasheet HTML 28Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 29Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 30Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 31Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 32Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 33Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 34Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 35Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 308 page
background image
PIC18F1220/1320
DS39605F-page 30
© 2007 Microchip Technology Inc.
3.5.2
EXIT BY RESET
Normally, the device is held in Reset by the Oscillator
Start-up Timer (OST) until the primary clock (defined in
Configuration Register 1H) becomes ready. At that
time, the OSTS bit is set and the device begins
executing code.
Code execution can begin before the primary clock
becomes ready. If either the Two-Speed Start-up (see
Section 19.3 “Two-Speed Start-up”) or Fail-Safe
Clock Monitor (see Section 19.4 “Fail-Safe Clock
Monitor”) are enabled in Configuration Register 1H,
the device may begin execution as soon as the Reset
source has cleared. Execution is clocked by the
INTOSC multiplexer driven by the internal oscillator
block. Since the OSCCON register is cleared following
all Resets, the INTRC clock source is selected. A
higher speed clock may be selected by modifying the
IRCF bits in the OSCCON register. Execution is
clocked by the internal oscillator block until either the
primary clock becomes ready, or a power managed
mode is entered before the primary clock becomes
ready; the primary clock is then shut down.
3.5.3
EXIT BY WDT TIME-OUT
A WDT time-out will cause different actions, depending
on which power managed mode the device is in when
the time-out occurs.
If the device is not executing code (all Idle modes and
Sleep mode), the time-out will result in a wake from the
power managed mode (see Sections 3.2 through 3.4).
If the device is executing code (all Run modes), the
time-out will result in a WDT Reset (see Section 19.2
“Watchdog Timer (WDT)”).
The WDT timer and postscaler are cleared by
executing a SLEEP or CLRWDT instruction, the loss of a
currently selected clock source (if the Fail-Safe Clock
Monitor is enabled) and modifying the IRCF bits in the
OSCCON register if the internal oscillator block is the
system clock source.
3.5.4
EXIT WITHOUT AN OSCILLATOR
START-UP DELAY
Certain exits from power managed modes do not
invoke the OST at all. These are:
• PRI_IDLE mode, where the primary clock source
is not stopped; or
• the primary clock source is not any of LP, XT, HS
or HSPLL modes.
In these cases, the primary clock source either does
not require an oscillator start-up delay, since it is
already running (PRI_IDLE), or normally does not
require an oscillator start-up delay (RC, EC and INTIO
Oscillator modes).
However, a fixed delay (approximately 10
μs) following
the wake event is required when leaving Sleep and Idle
modes. This delay is required for the CPU to prepare
for execution. Instruction execution resumes on the first
clock cycle following this delay.
3.6
INTOSC Frequency Drift
The factory calibrates the internal oscillator block
output (INTOSC) for 8 MHz (see Table 22-6). However,
this frequency may drift as VDD or temperature
changes, which can affect the controller operation in a
variety of ways.
It is possible to adjust the INTOSC frequency by
modifying
the
value
in
the
OSCTUNE
register
(Register 2-1). This has the side effect that the INTRC
clock source frequency is also affected. However, the
features that use the INTRC source often do not require
an exact frequency. These features include the Fail-Safe
Clock Monitor, the Watchdog Timer and the RC_RUN/
RC_IDLE modes when the INTRC clock source is
selected.
Being able to adjust the INTOSC requires knowing
when an adjustment is required, in which direction it
should be made and in some cases, how large a
change is needed. Three examples follow but other
techniques may be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com