Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2510E/PTSQTP Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC18F2510E/PTSQTP
Description  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2510E/PTSQTP Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC18F2510E/PTSQTP Datasheet HTML 45Page - Microchip Technology PIC18F2510E/PTSQTP Datasheet HTML 46Page - Microchip Technology PIC18F2510E/PTSQTP Datasheet HTML 47Page - Microchip Technology PIC18F2510E/PTSQTP Datasheet HTML 48Page - Microchip Technology PIC18F2510E/PTSQTP Datasheet HTML 49Page - Microchip Technology PIC18F2510E/PTSQTP Datasheet HTML 50Page - Microchip Technology PIC18F2510E/PTSQTP Datasheet HTML 51Page - Microchip Technology PIC18F2510E/PTSQTP Datasheet HTML 52Page - Microchip Technology PIC18F2510E/PTSQTP Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 376 page
background image
© 2009 Microchip Technology Inc.
DS39636D-page 51
PIC18F2X1X/4X1X
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out
Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via
WDT
or Interrupt
TOSU
2410 2510 2515 2610 4410 4510 4515 4610
---0 0000
---0 0000
---0 uuuu(3)
TOSH
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
2410 2510 2515 2610 4410 4510 4515 4610
00-0 0000
uu-0 0000
uu-u uuuu(3)
PCLATU
2410 2510 2515 2610 4410 4510 4515 4610
---0 0000
---0 0000
---u uuuu
PCLATH
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
PCL
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
2410 2510 2515 2610 4410 4510 4515 4610
--00 0000
--00 0000
--uu uuuu
TBLPTRH
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
TABLAT
2410 2510 2515 2610 4410 4510 4515 4610
0000 0000
0000 0000
uuuu uuuu
PRODH
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
2410 2510 2515 2610 4410 4510 4515 4610
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
2410 2510 2515 2610 4410 4510 4515 4610
1111 -1-1
1111 -1-1
uuuu -u-u(1)
INTCON3
2410 2510 2515 2610 4410 4510 4515 4610
11-0 0-00
11-0 0-00
uu-u u-uu(1)
INDF0
2410 2510 2515 2610 4410 4510 4515 4610
N/A
N/A
N/A
POSTINC0
2410 2510 2515 2610 4410 4510 4515 4610
N/A
N/A
N/A
POSTDEC0
2410 2510 2515 2610 4410 4510 4515 4610
N/A
N/A
N/A
PREINC0
2410 2510 2515 2610 4410 4510 4515 4610
N/A
N/A
N/A
PLUSW0
2410 2510 2515 2610 4410 4510 4515 4610
N/A
N/A
N/A
FSR0H
2410 2510 2515 2610 4410 4510 4515 4610
---- 0000
---- 0000
---- uuuu
FSR0L
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
2410 2510 2515 2610 4410 4510 4515 4610
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
2410 2510 2515 2610 4410 4510 4515 4610
N/A
N/A
N/A
POSTINC1
2410 2510 2515 2610 4410 4510 4515 4610
N/A
N/A
N/A
POSTDEC1
2410 2510 2515 2610 4410 4510 4515 4610
N/A
N/A
N/A
PREINC1
2410 2510 2515 2610 4410 4510 4515 4610
N/A
N/A
N/A
PLUSW1
2410 2510 2515 2610 4410 4510 4515 4610
N/A
N/A
N/A
Legend:
u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled as
PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com