Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2510I/SOSQTP Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC18F2510I/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2510I/SOSQTP Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC18F2510I/SOSQTP Datasheet HTML 72Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 73Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 74Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 75Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 76Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 77Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 78Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 79Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 376 page
background image
PIC18F2X1X/4X1X
DS39636D-page 78
© 2009 Microchip Technology Inc.
6.2
Control Registers
Two control registers are used in conjunction with the
TBLRD instruction: the TABLAT register and the
TBLPTR register set.
6.2.1
TABLAT – TABLE LATCH REGISTER
The Table Latch (TABLAT) is an 8-bit register mapped
into the SFR space. The Table Latch register is used to
hold 8-bit data during data transfers between program
memory and data RAM.
6.2.2
TBLPTR – TABLE POINTER
REGISTER
The Table Pointer register (TBLPTR) addresses a byte
within the program memory. It is comprised of three
SFR registers: Table Pointer Upper Byte, Table Pointer
High
Byte
and
Table
Pointer
Low
Byte
(TBLPTRU:TBLPTRH:TBLPTRL). Only the lower six
bits of TBLPTRU are used with TBLPTRH and
TBLPTRL, to form a 22-bit wide pointer.
The contents of TBLPTR indicate a location in program
memory space. The low-order 21 bits allow the device
to address the full 2 Mbytes of program memory space.
The 22nd bit allows access to the configuration space,
including the Device ID, user ID locations and the
Configuration bits.
The TBLPTR register set is updated when executing a
TBLRD in one of four ways, based on the instruction’s
arguments. These are detailed in Table 6-1. These
operations on the TBLPTR only affect the low-order
21 bits.
When a TBLRD is executed, all 22 bits of the TBLPTR
determine which byte is read from program memory
into TABLAT.
TABLE 6-1:
TABLE POINTER
OPERATIONS WITH TBLRD
INSTRUCTIONS
6.3
Reading the Flash Program
Memory
The TBLRD instruction is used to retrieve data from
program memory and place it into data RAM. Table
reads from program memory are performed one byte at
a time.
TBLPTR points to a byte address in program space.
Executing TBLRD places the byte pointed to into
TABLAT. In addition, TBLPTR can be modified
automatically for the next table read operation.
The internal program memory is typically organized by
words. The Least Significant bit of the address selects
between the high and low bytes of the word. Figure 6-2
shows the interface between the internal program
memory and the TABLAT.
A typical method for reading data from program memory
is shown in Example 6-1.
FIGURE 6-2:
READS FROM FLASH PROGRAM MEMORY
Example
Operation on Table Pointer
TBLRD*
TBLPTR is not modified
TBLRD*+
TBLPTR is incremented after the read
TBLRD*-
TBLPTR is decremented after the read
TBLRD+*
TBLPTR is incremented before the read
(Even Byte Address)
Program Memory
(Odd Byte Address)
TBLRD
TABLAT
TBLPTR = xxxxx1
FETCH
Instruction Register
(IR)
Read Register
TBLPTR = xxxxx0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com