Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2510I/SOSQTP Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC18F2510I/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2510I/SOSQTP Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC18F2510I/SOSQTP Datasheet HTML 129Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 130Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 131Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 132Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 133Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 134Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 135Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 136Page - Microchip Technology PIC18F2510I/SOSQTP Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 376 page
background image
© 2009 Microchip Technology Inc.
DS39636D-page 135
PIC18F2X1X/4X1X
TABLE 14-3:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, TIMER1 AND TIMER3
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
51
RCON
IPEN
SBOREN(2)
—
RI
TO
PD
POR
BOR
50
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
54
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
54
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
54
PIR2
OSCFIF
CMIF
—
—
BCLIF
HLVDIF
TMR3IF
CCP2IF
54
PIE2
OSCFIE
CMIE
—
—
BCLIE
HLVDIE
TMR3IE
CCP2IE
54
IPR2
OSCFIP
CMIP
—
—
BCLIP
HLVDIP
TMR3IP
CCP2IP
54
TRISB
PORTB Data Direction Control Register
54
TRISC
PORTC Data Direction Control Register
54
TMR1L
Timer1 Register Low Byte
52
TMR1H
Timer1 Register High Byte
52
T1CON
RD16
T1RUN
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON
52
TMR3H
Timer3 Register High Byte
53
TMR3L
Timer3 Register Low Byte
53
T3CON
RD16
T3CCP2
T3CKPS1 T3CKPS0 T3CCP1
T3SYNC TMR3CS TMR3ON
53
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
53
CCPR1H
Capture/Compare/PWM Register 1 High Byte
53
CCP1CON
P1M1(1)
P1M0(1)
DC1B1
DC1B0
CCP1M3 CCP1M2 CCP1M1 CCP1M0
53
CCPR2L
Capture/Compare/PWM Register 2 Low Byte
53
CCPR2H
Capture/Compare/PWM Register 2 High Byte
53
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3 CCP2M2 CCP2M1 CCP2M0
53
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by Capture/Compare, Timer1 or Timer3.
Note 1: These bits are unimplemented on 28-pin devices and read as ‘0’.
2: The SBOREN bit is only available when the BOREN1:BOREN0 Configuration bits = 01; otherwise, it is
disabled and reads as ‘0’. See Section 4.4 “Brown-out Reset (BOR)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com