Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320TE/SSQTP Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC18F1320TE/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320TE/SSQTP Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC18F1320TE/SSQTP Datasheet HTML 33Page - Microchip Technology PIC18F1320TE/SSQTP Datasheet HTML 34Page - Microchip Technology PIC18F1320TE/SSQTP Datasheet HTML 35Page - Microchip Technology PIC18F1320TE/SSQTP Datasheet HTML 36Page - Microchip Technology PIC18F1320TE/SSQTP Datasheet HTML 37Page - Microchip Technology PIC18F1320TE/SSQTP Datasheet HTML 38Page - Microchip Technology PIC18F1320TE/SSQTP Datasheet HTML 39Page - Microchip Technology PIC18F1320TE/SSQTP Datasheet HTML 40Page - Microchip Technology PIC18F1320TE/SSQTP Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 35
PIC18F1220/1320
TABLE 4-1:
TIME-OUT IN VARIOUS SITUATIONS
REGISTER 4-1:
RCON REGISTER BITS AND POSITIONS
TABLE 4-2:
STATUS BITS, THEIR SIGNIFICANCE AND THE INITIALIZATION CONDITION FOR
RCON REGISTER
Oscillator
Configuration
Power-up(2) and Brown-out
Exit from
Low-Power Mode
PWRTEN = 0
PWRTEN = 1
HSPLL
66 ms(1) + 1024 TOSC + 2 ms(2)
1024 TOSC + 2 ms(2)
1024 TOSC + 2 ms(2)
HS, XT, LP
66 ms(1) + 1024 TOSC
1024 TOSC
1024 TOSC
EC, ECIO
66 ms(1)
5-10
μs(3)
5-10
μs(3)
RC, RCIO
66 ms(1)
5-10
μs(3)
5-10
μs(3)
INTIO1, INTIO2
66 ms(1)
5-10
μs(3)
5-10
μs(3)
Note 1: 66 ms (65.5 ms) is the nominal Power-up Timer (PWRT) delay.
2: 2 ms is the nominal time required for the 4x PLL to lock.
3: The program memory bias start-up time is always invoked on POR, wake-up from Sleep, or on any exit
from power managed mode that disables the CPU and instruction execution.
R/W-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
IPEN
—
—RI
TO
PD
POR
BOR
bit 7
bit 0
Note:
Refer to Section 5.14 “RCON Register” for bit definitions.
Condition
Program
Counter
RCON
Register
RI
TO
PD
POR
BOR
STKFUL
STKUNF
Power-on Reset
0000h
0--1 1100
1
1
1
0
0
0
0
RESET
Instruction
0000h
0--0 uuuu
0
u
u
u
u
u
u
Brown-out
0000h
0--1 11u-
1
1
1
u
0
u
u
MCLR during Power Managed
Run modes
0000h
0--u 1uuu
u
1
u
u
u
u
u
MCLR during Power Managed
Idle modes and Sleep
0000h
0--u 10uu
u
1
0
u
u
u
u
WDT Time-out during Full
Power or Power Managed Run
0000h
0--u 0uuu
u
0
u
u
u
u
u
MCLR during Full Power
Execution
0000h
0--u uuuu
u
u
u
u
u
uu
Stack Full Reset (STVR = 1)
1u
Stack Underflow Reset
(STVR = 1)
u1
Stack Underflow Error (not an
actual Reset, STVR = 0)
0000h
u--u uuuu
u
u
u
u
u
u
1
WDT Time-out during Power
Managed Idle or Sleep
PC + 2
u--u 00uu
u
0
0
u
u
u
u
Interrupt Exit from Power
Managed modes
PC + 2
u--u u0uu
u
u
0
u
u
u
u
Legend: u = unchanged, x = unknown, – = unimplemented bit, read as ‘0’
Note 1:
When the wake-up is due to an interrupt and the GIEH or GIEL bits are set, the PC is loaded with the
interrupt vector (0x000008h or 0x000018h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com