Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320TE/SOSQTP Datasheet(PDF) 243 Page - Microchip Technology

Part # PIC18F1320TE/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320TE/SOSQTP Datasheet(HTML) 243 Page - Microchip Technology

Back Button PIC18F1320TE/SOSQTP Datasheet HTML 239Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 240Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 241Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 242Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 243Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 244Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 245Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 246Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 241
PIC18F1220/1320
22.2
DC Characteristics: Power-Down and Supply Current
PIC18F1220/1320 (Industrial)
PIC18LF1220/1320 (Industrial)
PIC18LF1220/1320
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F1220/1320
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Power-Down Current (IPD)(1)
PIC18LF1220/1320
0.1
0.5
μA
-40°C
VDD = 2.0V,
(Sleep mode)
0.1
0.5
μA
+25°C
0.2
1.9
μA
+85°C
PIC18LF1220/1320
0.1
0.5
μA
-40°C
VDD = 3.0V,
(Sleep mode)
0.1
0.5
μA
+ 25°C
0.3
1.9
μA
+85°C
All devices
0.1
2.0
μA
-40°C
VDD = 5.0V,
(Sleep mode)
0.1
2.0
μA
+25°C
0.4
6.5
μA
+85°C
Extended devices
11.2
50
μA
+125°C
Supply Current (IDD)(2,3)
PIC18LF1220/1320
8
40
μA
-40°C
FOSC = 31 kHz
(RC_RUN mode,
Internal oscillator source)
940
μA+25°C
VDD = 2.0V
11
40
μA+85°C
PIC18LF1220/1320
25
68
μA
-40°C
25
68
μA+25°C
VDD = 3.0V
20
68
μA+85°C
All devices
55
80
μA
-40°C
VDD = 5.0V
55
80
μA+25°C
50
80
μA+85°C
Extended devices
50
80
μA
+125°C
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.
4:
Standard low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended temperature
crystals are available at a much higher cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com