Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320TE/SOSQTP Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC18F1320TE/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320TE/SOSQTP Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC18F1320TE/SOSQTP Datasheet HTML 34Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 35Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 36Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 37Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 38Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 39Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 40Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 41Page - Microchip Technology PIC18F1320TE/SOSQTP Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 308 page
background image
PIC18F1220/1320
DS39605F-page 36
© 2007 Microchip Technology Inc.
TABLE 4-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
1220
1320
---0 0000
---0 0000
---0 uuuu(3)
TOSH
1220
1320
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
1220
1320
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
1220
1320
00-0 0000
00-0 0000
uu-u uuuu(3)
PCLATU
1220
1320
---0 0000
---0 0000
---u uuuu
PCLATH
1220
1320
0000 0000
0000 0000
uuuu uuuu
PCL
1220
1320
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
1220
1320
--00 0000
--00 0000
--uu uuuu
TBLPTRH
1220
1320
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
1220
1320
0000 0000
0000 0000
uuuu uuuu
TABLAT
1220
1320
0000 0000
0000 0000
uuuu uuuu
PRODH
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
1220
1320
0000 000x
0000 000u
uuuu uuuu(1)
INTCON2
1220
1320
1111 -1-1
1111 -1-1
uuuu -u-u(1)
INTCON3
1220
1320
11-0 0-00
11-0 0-00
uu-u u-uu(1)
INDF0
1220
1320
N/A
N/A
N/A
POSTINC0
1220
1320
N/A
N/A
N/A
POSTDEC0
1220
1320
N/A
N/A
N/A
PREINC0
1220
1320
N/A
N/A
N/A
PLUSW0
1220
1320
N/A
N/A
N/A
FSR0H
1220
1320
---- 0000
---- 0000
---- uuuu
FSR0L
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
1220
1320
N/A
N/A
N/A
POSTINC1
1220
1320
N/A
N/A
N/A
POSTDEC1
1220
1320
N/A
N/A
N/A
PREINC1
1220
1320
N/A
N/A
N/A
PLUSW1
1220
1320
N/A
N/A
N/A
FSR1H
1220
1320
---- 0000
---- 0000
---- uuuu
FSR1L
1220
1320
xxxx xxxx
uuuu uuuu
uuuu uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-2 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the Oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
Bit 5 of PORTA is enabled if MCLR is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com