| Electronic Components Datasheet Search |
|
PIC12F508TE/MS Datasheet(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508TE/MS Datasheet(HTML) 44 Page - Microchip Technology |
|
44 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 44 © 2009 Microchip Technology Inc. 7.2 Oscillator Configurations 7.2.1 OSCILLATOR TYPES The PIC12F508/509/16F505 devices can be operated in up to six different oscillator modes. The user can program up to three Configuration bits (FOSC<1:0> [PIC12F508/509], FOSC<2:0> [PIC16F505]). To select one of these modes: • LP: Low-Power Crystal • XT: Crystal/Resonator • HS: High-Speed Crystal/Resonator (PIC16F505 only) • INTRC: Internal 4 MHz Oscillator • EXTRC: External Resistor/Capacitor • EC: External High-Speed Clock Input (PIC16F505 only) 7.2.2 CRYSTAL OSCILLATOR/CERAMIC RESONATORS In HS (PIC16F505), XT or LP modes, a crystal or ceramic resonator is connected to the (GP5/RB5)/ OSC1/(CLKIN) and (GP4/RB4)/OSC2/(CLKOUT) pins to establish oscillation (Figure 7-1). The PIC12F508/ 509/16F505 oscillator designs require the use of a parallel cut crystal. Use of a series cut crystal may give a frequency out of the crystal manufacturers specifications. When in HS (PIC16F505), XT or LP modes, the device can have an external clock source drive the (GP5/RB5)/OSC1/CLKIN pin (Figure 7-2). When the part is used in this fashion, the output drive levels on the OSC2 pin are very weak. This pin should be left open and unloaded. Also, when using this mode, the external clock should observe the frequency limits for the clock mode chosen (HS, XT or LP). FIGURE 7-1: CRYSTAL OPERATION (OR CERAMIC RESONATOR) (HS, XT OR LP OSC CONFIGURATION) FIGURE 7-2: EXTERNAL CLOCK INPUT OPERATION (HS, XT OR LP OSC CONFIGURATION) TABLE 7-1: CAPACITOR SELECTION FOR CERAMIC RESONATORS – PIC12F508/509/16F505(1) Note 1: This device has been designed to per- form to the parameters of its data sheet. It has been tested to an electrical specification designed to determine its conformance with these parameters. Due to process differences in the manufacture of this device, this device may have different performance charac- teristics than its earlier version. These differences may cause this device to perform differently in your application than the earlier version of this device. 2: The user should verify that the device oscillator starts and performs as expected. Adjusting the loading capacitor values and/or the Oscillator mode may be required. Osc Type Resonator Freq. Cap. Range C1 Cap. Range C2 XT 4.0 MHz 30 pF 30 pF HS(2) 16 MHz 10-47 pF 10-47 pF Note 1: These values are for design guidance only. Since each resonator has its own characteristics, the user should consult the resonator manufacturer for appropriate values of external components. 2: PIC16F505 only. Note 1: See Capacitor Selection tables for recommended values of C1 and C2. 2: A series resistor (RS) may be required for AT strip cut crystals. 3: RF approx. value = 10 M Ω. C1(1) C2(1) XTAL OSC2 OSC1 RF(3) Sleep To internal logic RS(2) PIC12F508/509 PIC16F505 Clock from ext. system OSC1 OSC2 PIC16F505 Open PIC12F508/509 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |