| Electronic Components Datasheet Search |
|
PIC12F508TE/SL Datasheet(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508TE/SL Datasheet(HTML) 33 Page - Microchip Technology |
|
33 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 33 PIC12F508/509/16F505 5.5 I/O Programming Considerations 5.5.1 BIDIRECTIONAL I/O PORTS Some instructions operate internally as read followed by write operations. The BCF and BSF instructions, for example, read the entire port into the CPU, execute the bit operation and re-write the result. Caution must be used when these instructions are applied to a port where one or more pins are used as input/outputs. For example, a BSF operation on bit 5 of PORTB/GPIO will cause all eight bits of PORTB/GPIO to be read into the CPU, bit 5 to be set and the PORTB/GPIO value to be written to the output latches. If another bit of PORTB/ GPIO is used as a bidirectional I/O pin (say bit 0) and it is defined as an input at this time, the input signal pres- ent on the pin itself would be read into the CPU and rewritten to the data latch of this particular pin, overwrit- ing the previous content. As long as the pin stays in the Input mode, no problem occurs. However, if bit 0 is switched into Output mode later on, the content of the data latch may now be unknown. Example 5-1 shows the effect of two sequential Read-Modify-Write instructions (e.g., BCF, BSF, etc.) on an I/O port. A pin actively outputting a high or a low should not be driven from external devices at the same time in order to change the level on this pin (“wired OR”, “wired AND”). The resulting high output currents may damage the chip. EXAMPLE 5-1: READ-MODIFY-WRITE INSTRUCTIONS ON AN I/O PORT(e.g., PIC16F505) 5.5.2 SUCCESSIVE OPERATIONS ON I/O PORTS The actual write to an I/O port happens at the end of an instruction cycle, whereas for reading, the data must be valid at the beginning of the instruction cycle (Figure 5-2). Therefore, care must be exercised if a write followed by a read operation is carried out on the same I/O port. The sequence of instructions should allow the pin voltage to stabilize (load dependent) before the next instruction causes that file to be read into the CPU. Otherwise, the previous state of that pin may be read into the CPU rather than the new state. When in doubt, it is better to separate these instructions with a NOP or another instruction not accessing this I/O port. FIGURE 5-2: SUCCESSIVE I/O OPERATION (PIC16F505 Shown) ;Initial PORTB Settings ;PORTB<5:3> Inputs ;PORTB<2:0> Outputs ; ; PORTB latch PORTB pins ; ---------- ---------- BCF PORTB, 5 ;--01 -ppp --11 pppp BCF PORTB, 4 ;--10 -ppp --11 pppp MOVLW 007h; TRIS PORTB ;--10 -ppp --11 pppp ; Note 1: The user may have expected the pin values to be ‘--00 pppp’. The 2nd BCF caused RB5 to be latched as the pin value (High). PC PC + 1 PC + 2 PC + 3 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Instruction Fetched RB<5:0> MOVWF PORTB NOP Port pin sampled here NOP MOVF PORTB , W Instruction Executed MOVWF PORTB (Write to PORTB) NOP MOVF PORTB,W This example shows a write to PORTB followed by a read from PORTB. Data setup time = (0.25 TCY – TPD) where: TCY = instruction cycle TPD = propagation delay Therefore, at higher clock frequencies, a write followed by a read may be problematic. (Read PORTB) Port pin written here |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |