| Electronic Components Datasheet Search |
|
PIC12F509TI/MC Datasheet(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509TI/MC Datasheet(HTML) 3 Page - Microchip Technology |
|
3 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 3 PIC12F508/509/16F505 Devices Included In This Data Sheet: High-Performance RISC CPU: • Only 33 Single-Word Instructions to Learn • All Single-Cycle Instructions Except for Program Branches, which are Two-Cycle • 12-Bit Wide Instructions • 2-Level Deep Hardware Stack • Direct, Indirect and Relative Addressing modes for Data and Instructions • 8-Bit Wide Data Path • 8 Special Function Hardware Registers • Operating Speed: - DC – 20 MHz clock input (PIC16F505 only) - DC – 200 ns instruction cycle (PIC16F505 only) - DC – 4 MHz clock input - DC – 1000 ns instruction cycle Special Microcontroller Features: • 4 MHz Precision Internal Oscillator: - Factory calibrated to ±1% • In-Circuit Serial Programming™ (ICSP™) • In-Circuit Debugging (ICD) Support • Power-On Reset (POR) • Device Reset Timer (DRT) • Watchdog Timer (WDT) with Dedicated On-Chip RC Oscillator for Reliable Operation • Programmable Code Protection • Multiplexed MCLR Input Pin • Internal Weak Pull-Ups on I/O Pins • Power-Saving Sleep mode • Wake-Wp from Sleep on Pin Change • Selectable Oscillator Options: - INTRC: 4 MHz precision Internal oscillator - EXTRC: External low-cost RC oscillator - XT: Standard crystal/resonator - HS: High-speed crystal/resonator (PIC16F505 only) - LP: Power-saving, low-frequency crystal - EC: High-speed external clock input (PIC16F505 only) Low-Power Features/CMOS Technology: • Operating Current: - < 175 μA @ 2V, 4 MHz, typical • Standby Current: - 100 nA @ 2V, typical • Low-Power, High-Speed Flash Technology: - 100,000 Flash endurance - > 40 year retention • Fully Static Design • Wide Operating Voltage Range: 2.0V to 5.5V • Wide Temperature Range: - Industrial: -40 °C to +85°C - Extended: -40 °C to +125°C Peripheral Features (PIC12F508/509): • 6 I/O Pins: - 5 I/O pins with individual direction control - 1 input only pin - High current sink/source for direct LED drive - Wake-on-change - Weak pull-ups • 8-Bit Real-Time Clock/Counter (TMR0) with 8-Bit Programmable Prescaler Peripheral Features (PIC16F505): • 12 I/O Pins: - 11 I/O pins with individual direction control - 1 input only pin - High current sink/source for direct LED drive - Wake-on-change - Weak pull-ups • 8-Bit Real-Time Clock/Counter (TMR0) with 8-Bit Programmable Prescaler • PIC12F508 • PIC12F509 • PIC16F505 8/14-Pin, 8-Bit Flash Microcontrollers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |