| Electronic Components Datasheet Search |
|
PIC12F509TI/MS Datasheet(PDF) 77 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509TI/MS Datasheet(HTML) 77 Page - Microchip Technology |
|
77 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 77 PIC12F508/509/16F505 TABLE 10-4: CALIBRATED INTERNAL RC FREQUENCIES – PIC12F508/509/16F505 FIGURE 10-5: I/O TIMING – PIC12F508/509/16F505 AC CHARACTERISTICS Standard Operating Conditions (unless otherwise specified) Operating Temperature -40 °C ≤ TA ≤ +85°C (industrial), -40 °C ≤ TA ≤ +125°C (extended) Param No. Sym. Characteristic Freq Tolerance Min. Typ† Max. Units Conditions F10 FOSC Internal Calibrated INTOSC Frequency(1) ± 1% 3.96 4.00 4.04 MHz VDD = 3.5V, TA = 25°C ± 2% 3.92 4.00 4.08 MHz 2.5V ≤ VDD ≤ 5.5V 0 °C ≤ TA ≤ +85°C ± 5% 3.80 4.00 4.20 MHz 2.0V ≤ VDD ≤ 5.5V -40 °C ≤ TA ≤ +85°C (Ind.) -40 °C ≤ TA ≤ +125°C (Ext.) * These parameters are characterized but not tested. † Data in the Typical (“Typ”) column is at 5V, 25 °C unless otherwise stated. These parameters are for design guidance only and are not tested. Note 1: To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to the device as possible. 0.1 uF and 0.01 uF values in parallel are recommended. OSC1 I/O Pin (input) I/O Pin (output) Q4 Q1 Q2 Q3 17 20, 21 18 Old Value New Value 19 Note: All tests must be done with specified capacitive loads (see data sheet) 50 pF on I/O pins and CLKOUT. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |