Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2610E/SPSQTP Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F2610E/SPSQTP
Description  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2610E/SPSQTP Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F2610E/SPSQTP Datasheet HTML 5Page - Microchip Technology PIC18F2610E/SPSQTP Datasheet HTML 6Page - Microchip Technology PIC18F2610E/SPSQTP Datasheet HTML 7Page - Microchip Technology PIC18F2610E/SPSQTP Datasheet HTML 8Page - Microchip Technology PIC18F2610E/SPSQTP Datasheet HTML 9Page - Microchip Technology PIC18F2610E/SPSQTP Datasheet HTML 10Page - Microchip Technology PIC18F2610E/SPSQTP Datasheet HTML 11Page - Microchip Technology PIC18F2610E/SPSQTP Datasheet HTML 12Page - Microchip Technology PIC18F2610E/SPSQTP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 376 page
background image
© 2009 Microchip Technology Inc.
DS39636D-page 11
PIC18F2X1X/4X1X
TABLE 1-1:
DEVICE FEATURES (PIC18F2410/2415/2510/2515/2610)
Features
PIC18F2410
PIC18F2510
PIC18F2515
PIC18F2610
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
16384
32768
49152
65536
Program Memory
(Instructions)
8192
16384
24576
32768
Data Memory (Bytes)
768
1536
3968
3968
Interrupt Sources
18
18
18
18
I/O Ports
Ports A, B, C, (E)
Ports A, B, C, (E)
Ports A, B, C, (E)
Ports A, B, C, (E)
Timers
4444
Capture/Compare/PWM Modules
2222
Enhanced
Capture/Compare/PWM Modules
0000
Serial Communications
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
MSSP,
Enhanced USART
Parallel Communications (PSP)
No
No
No
No
10-bit Analog-to-Digital Module
10 Input Channels
10 Input Channels
10 Input Channels
10 Input Channels
Resets (and Delays)
POR, BOR,
RESET Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
Programmable
High/Low-Voltage Detect
Yes
Yes
Yes
Yes
Programmable
Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
75 Instructions;
83 with Extended
Instruction Set enabled
Packages
28-pin SPDIP
28-pin SOIC
28-pin QFN
28-pin SPDIP
28-pin SOIC
28-pin QFN
28-pin SPDIP
28-pin SOIC
28-pin SPDIP
28-pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com