| Electronic Components Datasheet Search |
|
PIC12F509TI/P Datasheet(PDF) 72 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509TI/P Datasheet(HTML) 72 Page - Microchip Technology |
|
72 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 72 © 2009 Microchip Technology Inc. 10.2 DC Characteristics: PIC12F508/509/16F505 (Extended) DC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature -40 °C ≤ TA ≤ +125°C (extended) Param No. Sym. Characteristic Min. Typ(1) Max. Units Conditions D001 VDD Supply Voltage 2.0 5.5 V See Figure 10-1 D002 VDR RAM Data Retention Voltage(2) — 1.5* — V Device in Sleep mode D003 VPOR VDD Start Voltage to ensure Power-on Reset —Vss — V See Section 7.4 "Power-on Reset (POR)" for details D004 SVDD VDD Rise Rate to ensure Power-on Reset 0.05* — — V/ms See Section 7.4 "Power-on Reset (POR)" for details D010 IDD Supply Current(3,4) — — 175 0.625 275 1.1 μA mA FOSC = 4 MHz, VDD = 2.0V FOSC = 4 MHz, VDD = 5.0V — — 500 1.5 650 2.2 μA mA FOSC = 10 MHz, VDD = 3.0V FOSC = 20 MHz, VDD = 5.0V (PIC16F515 only) — — 11 38 26 110 μA μA FOSC = 32 kHz, VDD = 2.0V FOSC = 32 kHz, VDD = 5.0V D020 IPD Power-down Current(5) — — 0.1 0.35 9.0 15.0 μA μA VDD = 2.0V VDD = 5.0V D022 IWDT WDT Current(5) — — 1.0 7.0 18 22 μA μA VDD = 2.0V VDD = 5.0V * These parameters are characterized but not tested. Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25 °C. This data is for design guidance only and is not tested. 2: This is the limit to which VDD can be lowered in Sleep mode without losing RAM data. 3: The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus loading, oscillator type, bus rate, internal code execution pattern and temperature also have an impact on the current consumption. 4: The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VSS, T0CKI = VDD, MCLR = VDD; WDT enabled/disabled as specified. 5: For standby current measurements, the conditions are the same as IDD, except that the device is in Sleep mode. If a module current is listed, the current is for that specific module enabled and the device in Sleep. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |